Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G08VSE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74ALVC1G08VSE
Description  2-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G08VSE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74ALVC1G08VSE Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G08VSE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74ALVC1G08
Rev.5.00, Nov.11.2003, page 5 of 9
Electrical Characteristic
Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
1.2
VCC
×0.75 —
1.4 to 1.6
VCC
×0.7
1.65 to 1.95
VCC
×0.7
2.3 to 2.7
1.7
VIH
3.0 to 3.6
2.0
1.2
VCC
×0.25
1.4 to 1.6
VCC
×0.3
1.65 to 1.95
VCC
×0.3
2.3 to 2.7
0.7
Input voltage
VIL
3.0 to 3.6
0.8
V
Min to Max
VCC–0.2
IOH = –100
µA
1.2
0.9
IOH = –2 mA
1.4
1.1
IOH = –4 mA
1.65
1.2
IOH = –6 mA
2.3
1.7
IOH = –18 mA
VOH
3.0
2.2
IOH = –24 mA
Min to Max
0.2
IOL = 100
µA
1.2
0.3
IOL = 2 mA
1.4
0.3
IOL = 4 mA
1.65
0.3
IOL = 6 mA
2.3
0.55
IOL = 18 mA
Output voltage
VOL
3.0
0.55
V
IOL = 24 mA
Input current
IIN
3.6
±5
µAVIN = 3.6 V or GND
Quiescent
supply current
ICC
3.6
10
µAVIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 to 3.6
V
Input capacitance
CIN
3.3
2.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Similar Part No. - HD74ALVC1G08VSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G08VSE RENESAS-HD74ALVC1G08VSE Datasheet
78Kb / 8P
   2-input AND Gate
More results

Similar Description - HD74ALVC1G08VSE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com