Electronic Components Datasheet Search |
|
LTC2433-1 Datasheet(PDF) 3 Page - Linear Integrated Systems |
|
LTC2433-1 Datasheet(HTML) 3 Page - Linear Integrated Systems |
3 / 28 page LTC2433-1 3 24331fa SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IN+ Absolute/Common Mode IN+ Voltage q GND – 0.3 VCC + 0.3 V IN– Absolute/Common Mode IN– Voltage q GND – 0.3 VCC + 0.3 V VIN Input Differential Voltage Range q –VREF/2 VREF/2 V (IN+ – IN–) REF+ Absolute/Common Mode REF+ Voltage q 0.1 VCC V REF– Absolute/Common Mode REF– Voltage q GND VCC – 0.1 V VREF Reference Differential Voltage Range q 0.1 VCC V (REF+ – REF–) CS (IN+)IN+ Sampling Capacitance 6 pF CS (IN–)IN– Sampling Capacitance 6 pF CS (REF +)REF+ Sampling Capacitance 6 pF CS (REF –)REF– Sampling Capacitance 6 pF IDC_LEAK (IN +)IN+ DC Leakage Current CS = VCC = 5V, IN + = GND q –100 1 100 nA IDC_LEAK (IN–)IN– DC Leakage Current CS = VCC = 5V, IN– = 5.5V q –100 1 100 nA IDC_LEAK (REF+)REF+ DC Leakage Current CS = VCC = 5V, REF+ = 5.5V q –100 1 100 nA IDC_LEAK (REF–)REF– DC Leakage Current CS = VCC = 5V, REF– = GND q –100 1 100 nA The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4) PARAMETER CONDITIONS MIN TYP MAX UNITS Input Common Mode Rejection DC 2.5V ≤ REF+ ≤ VCC, REF– = GND, q 130 140 dB GND ≤ IN– = IN+ ≤ VCC (Note 5) Input Common Mode Rejection 2.5V ≤ REF+ ≤ VCC, REF– = GND, q 140 dB 49Hz to 61.2Hz GND ≤ IN– = IN+ ≤ VCC, (Notes 5, 7) Input Normal Mode Rejection (Note 5, 7) q 87 dB 49Hz to 61.2Hz Reference Common Mode 2.5V ≤ REF+ ≤ VCC, GND ≤ REF– ≤ 2.5V, q 130 140 dB Rejection DC VREF = 2.5V, IN– = IN+ = GND (Note 5) Power Supply Rejection, DC REF+ = 2.5V, REF– = GND, IN– = IN+ = GND 120 dB Power Supply Rejection, REF+ = 2.5V, REF– = GND, IN– = IN+ = GND, (Note 7) 120 dB Simultaneous 50Hz/60Hz ±2% CO VERTER CHARACTERISTICS A ALOG I PUT A D REFERE CE |
Similar Part No. - LTC2433-1 |
|
Similar Description - LTC2433-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |