Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTAEY Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTAEY
Description  Differential Input 16-Bit No Latency DS ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTAEY Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTAEY Datasheet HTML 1Page - Linear Integrated Systems LTAEY Datasheet HTML 2Page - Linear Integrated Systems LTAEY Datasheet HTML 3Page - Linear Integrated Systems LTAEY Datasheet HTML 4Page - Linear Integrated Systems LTAEY Datasheet HTML 5Page - Linear Integrated Systems LTAEY Datasheet HTML 6Page - Linear Integrated Systems LTAEY Datasheet HTML 7Page - Linear Integrated Systems LTAEY Datasheet HTML 8Page - Linear Integrated Systems LTAEY Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2433-1
1
24331fa
The LTC
®2433-1 is a differential input micropower 16-bit
No Latency
∆ΣTM analog-to-digital converter with an inte-
grated oscillator. It provides 0.12LSB INL and 1.45
µV
RMS noise independent of VREF. It uses delta-sigma
technology and provides single conversion settling of the
digital filter. Through a single pin, the LTC2433-1 can be
configured for better than 87dB input differential mode
rejection at 50Hz and 60Hz
±2%, or it can be driven by an
external oscillator for a user defined rejection frequency.
The internal oscillator requires no external frequency
setting components.
The converter accepts any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5 • VREF to 0.5 •
VREF. The reference common mode voltage, VREFCM, and
the input common mode voltage, VINCM, may be indepen-
dently set anywhere between GND and VCC. The DC
common mode input rejection is better than 140dB.
The LTC2433-1 communicates through a flexible 3-wire
digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain-Gage Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
16-Bit Differential ADC in a Tiny MSOP
s
Low Supply Current: 200
µA, 4µA in Autosleep
s
Rail-to-Rail Differential Input/Reference
s
0.12LSB INL, No Missing Codes
s
0.16LSB Full-Scale Error and 5
µV Offset
s
1.45
µV RMS Noise, Independent of VREF
s
Very Low Transition Noise: <0.02LSB
s
Operates with a Reference as Low as 100mV with
16-Bit Resolution
s
Internal Oscillator—No External Components
Required
s
87dB Min, Simultaneous 50Hz and 60Hz Notch Filter
s
Single Supply 2.7V to 5.5V Operation
s
Pin Compatible with the 20/24-Bit LTC2431/LTC2411
s
Available in 10-Lead MSOP Package
Differential Input
16-Bit No Latency
∆Σ ADC
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Minimum Resolvable Signal vs VREF
VCC
REF+
FO
IN+
IN
SCK
REF
SDO
GND
CS
110
4
9
3
5
6
8
7
24331 TA01
2
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
(100mV)
4.9k
100
5V REF
LTC2433-1
VREF (V)
0
*FOR VREF ≥ 0.5V THE RESOLUTION
IS LIMITED BY STEP SIZE
0
10
30
40
50
2
4
5
90
24331 TA02
20
13
60
70
80
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO


Similar Part No. - LTAEY

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTA-1000E LITEON-LTA-1000E Datasheet
359Kb / 6P
   LED Display
LTA-1000G LITEON-LTA-1000G Datasheet
129Kb / 5P
   RECTANGULAR LIGHT BAR
LTA-1000G-04 LITEON-LTA-1000G-04 Datasheet
356Kb / 6P
   LED Display
LTA-1000G-NB LITEON-LTA-1000G-NB Datasheet
345Kb / 6P
   LED Display
LTA-1000HR LITEON-LTA-1000HR Datasheet
130Kb / 5P
   UNIVERSAL TEN RECTANGULAR BAR
More results

Similar Description - LTAEY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com