Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65617SP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M65617SP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65617SP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M65617SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65617SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MITSUBISHI ICs (TV)
M65617SP
PICTURE-IN-PICTURE SIGNAL PROCESSING
3
DESCRIPTION OF PIN
Pin No.
Name
I/O
Function
Remarks
1
AVss3 (VCXO)
GND
Grounding (analog burst lock PLL section)
2
VCXO out
O
Oscillation output signal
3
VCXO in
I
Oscillation input signal
4
FILTER
O
Filter
5
BIAS
O
Bias
6
AVdd3 (VCXO)
Vdd
Power supply (analog burst lock PLL section)
7
AVdd2 (m)
Vdd
Power supply (analog main signal A/D section)
8
Vin (m)
I
Main color input signal
9
Vrt (m)
O
Main signal A/D reference voltage output +
10
Vrb (m)
O
Main signal A/D reference voltage output -
11
AVss2 (m)
GND
Grounding (analog main signal A/D section)
12
AVdd1 (s)
Vdd
Power supply (analog sub-signal A/D section)
13
Vin (s)
I
Sub-composite video input signal
14
Vrt (s)
O
Sub-signal A/D reference voltage output +
15
Vrb (s)
O
Sub-signal A/D reference voltage output -
16
AVss1 (s)
GND
Grounding (analog sub-signal A/D section)
17
RESET
I
Power-ON reset input signal.
Connected to the power supply with
100k
Ω, and grounded with 10µF
18
DVss1
GND
Grounding (digital section)
19
DVdd1
Vdd
Power supply (digital section)
20
BGP(s)/TEST0
(I/)O
Sub-screen burst gate pulse output
Open
21
SCK
I
Sub-screen 4fsc clock input
Grounding
22
CSYNC(s)/TEST1
I(/O)
Sub-screen CSYNC input
Pulldown 15k
23
ACK
O
I2C bus data/acknowledge output signal
24
DATA
I
I2C bus data input signal
25
CLK
I
I2C bus clock input signal
26
DVss2
GND
Grounding (digital section)
27
DVdd2
Vdd
Power supply (digital section)
28
BGP(m)/TEST2
(I/)O
For testing
Open
29
fsc/TEST3
I(/O)
For testing
Pulldown 15k
30
MCK
I
For testing
Grounding
31
SWM/TEST4
(I/)O
For testing
Open
32
HD/TEST5
I(/O)
Horizontal sync input signal
33
VD/CSYNC/
TEST6
I(/O)
Vertical sync input signal
34
SWMG/TEST7
I(/O)
Sub-screen display authorization input signal
Pullup 15k
35
DVdd3 (ram)
Vdd
Power supply (digital RAM section)
36
DVss3 (ram)
GND
Grounding (digital RAM section)
37
Cout-sub
O
Sub-screen color signal D/A output signal
38
ADJ-Csub
O
For adjustment of sub-screen color signal D/A
39
Yout-sub
O
Sub-screen luminance signal D/A output signal
40
ADJ-Ysub
O
For adjustment of sub-screen luminance signal D/A
41
Y-PIPin
I
Sub-screen luminance signal re-input signal
42
AVss4 (da)
GND
Grounding (analog D/A and SW sections)
43
C-PIPin
I
Sub-screen color signal re-input signal
44
AVdd4 (da)
Vdd
Power supply (analog D/A & SW sections)
45
C-PIP
O
PIP color signal output signal
46
TEST8
I
For testing
Pullup 15k
47
Y-PIP
O
PIP luminance signal output signal
48
TEST9
I
For testing
Grounding
49
Yin
I
Main luminance input signal
50
TESTEN
I
For testing
Grounding
51
Cin
I
Main color input signal
52
AVssf (ana)
Vss
Grounding (analog section)


Similar Part No. - M65617SP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65608E ATMEL-M65608E Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_09 Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
More results

Similar Description - M65617SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com