Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7001 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7001
Description  TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP7001 Datasheet HTML 3Page - Texas Instruments TVP7001 Datasheet HTML 4Page - Texas Instruments TVP7001 Datasheet HTML 5Page - Texas Instruments TVP7001 Datasheet HTML 6Page - Texas Instruments TVP7001 Datasheet HTML 7Page - Texas Instruments TVP7001 Datasheet HTML 8Page - Texas Instruments TVP7001 Datasheet HTML 9Page - Texas Instruments TVP7001 Datasheet HTML 10Page - Texas Instruments TVP7001 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TVP7001
SLES164 – FEBBRUARY 2006
IOVDD = 3.3 V, DVDD = 1.8 V
±0.1, PLL_A18VDD = 1.9 V±0.1, A18VDD = 1.9 V±0.1, A33VDD = 3.3 V, T
A = 0°C to 70°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INTERFACE
Input voltage range
By design
0.5
1.0
2.0
Vpp
ZI
Input impedance, analog video inputs
By design
500
k
DIGITAL LOGIC INTERFACE
CI
Input capacitance
By design
10
pF
ZI
Input impedance
By design
500
k
VOH
Output voltage high
IOH = 2 mA
0.8 IOVDD
V
VOL
Output voltage low
IOL = –2 mA
0.2 IOVDD
V
VOH_SCLK
DATACLK output voltage high
IOH = 4 mA
0.8 IOVDD
V
VOL_SCLK
DATACLK output voltage low
IOH = –2 mA
0.2 IOVDD
V
VIH
High-level input voltage
By design
0.7 IOVDD
V
VIL
Low-level input voltage
By design
0.3 IOVDD
V
A/D CONVERTERS
Conversion rate
12
165
MSPS
10 bit, 110 MHz
-1
±0.5
+1
DNL
DC differential nonlinearity
LSB
8 bit, 162 MHz
-1
±0.5
+1
10 bit, 110 MHz
-4
±1
+4
INL
DC integral nonlinearity
LSB
8 bit, 162 MHz
-4
±1
+4
Missing code
8 bit, 162 MHz
none
SNR
Signal-to-noise ratio
10 MHz, 1.0 VP–P at 110
52
dB
MSPS
Analog bandwidth
By design
500
MHz
PLL
Clock jitter
500
ps
Phase adjustment
11.6
degree
VCO frequency range
12
165
MHz
7
Submit Documentation Feedback


Similar Part No. - TVP7001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000 TI1-TVP7000 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000PZP TI-TVP7000PZP Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000PZP TI1-TVP7000PZP Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000PZPR TI-TVP7000PZPR Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results

Similar Description - TVP7001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com