|
| XP01211 |
|
||
|
PANASONIC |
|
2 page
XP01211 2 SJJ00136BED hFE IC Cob VCB IO VIN PT Ta IC VCE VCE(sat) IC VIN IO 0 160 40 120 80 0 250 100 200 50 150 Ambient temperature T a (°C) 0 012 210 48 6 40 120 80 160 Collector-emitter voltage V CE (V) Ta = 25°C IB = 1.0 mA 0.1 mA 0.2 mA 0.3 mA 0.4 mA 0.5 mA 0.6 mA 0.7 mA 0.8 mA 0.9 mA 0.01 0.1 0.1 1 10 100 1 10 100 IC / IB = 10 Ta = 75°C 25 °C −25˚C Collector current I C (mA) 0 1 100 200 300 400 10 100 1 000 VCE = 10 V Ta = 75°C 25 °C −25°C Collector current I C (mA) 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 MHz IE = 0 Ta = 25°C Collector-base voltage V CB (V) 1 0.4 10 102 103 104 1.4 1.2 1.0 0.8 0.6 Input voltage V IN (V) VO = 5 V Ta = 25°C 0.01 0.1 0.1 1 10 100 1 10 100 Output current I O (mA) VO = 0.2 V Ta = 25°C |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XP03316 | Silicon NPN epitaxial planar type | 1 2 3 4 5 | Panasonic Semiconductor |
| 2SD1752 | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| XN0F256 | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| 2SC5845 | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| 2SC5788 | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| MT6L03AE | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 3 | Toshiba Semiconductor |
| 2SD0874A | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| XN06501 | Silicon NPN epitaxial planar type | 1 2 3 | Panasonic Semiconductor |
| 2SD1706 | SILICON NPN EPITAXIAL PLANAR TYPE POWER SWITCHING | 1 2 | Panasonic Semiconductor |
| UP04314 | Silicon NPN epitaxial planar type Tr1 / Silicon PNP epitaxial planar type Tr2 | 1 2 3 4 5 | Panasonic Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |