Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM105NNR00 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMM105NNR00
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105NNR00 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMM105NNR00 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM105NNR00 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
7
I2C 2-WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS – 100/400kHz
Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND. See Figure 4 Timing Diagram.
100kHz
400kHz
Symbol
Description
Conditions
Min
Typ
Max
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
0
100
0
400
KHz
tLOW
Clock Low Period
4.7
1.3
µs
tHIGH
Clock High Period
4.0
0.6
µs
tBUF
Bus Free Time
Before New Transmission
- Note 1/
4.7
1.3
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
tHD:STA
Start Condition Hold Time
4.0
0.6
µs
tSU:STO
Stop Condition Setup Time
4.7
0.6
µs
tAA
Clock Edge to Data Valid
SCL low to valid
SDA (cycle n)
0.2
3.5
0.2
0.9
µs
tDH
Data Output Hold Time
SCL low (cycle n+1)
to SDA change
0.2
0.2
µs
tR
SCL and SDA Rise Time
Note 1/
1000
1000
ns
tF
SCL and SDA Fall Time
Note 1/
300
300
ns
tSU:DAT
Data In Setup Time
250
150
ns
tHD:DAT
Data In Hold Time
0
0
ns
TI
Noise Filter SCL and SDA
Noise suppression
100
100
ns
tWR
Write Cycle Time
5
5
ms
Note: 1/ - Guaranteed by Design.
t
R
t
F
t
HIGH
t
LOW
t
SU:SDA
t
HD:SDA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
W R (For W rite Operation Only)
Figure 4 . Basic I
2C Serial Interface Timing
TIMING DIAGRAMS


Similar Part No. - SMM105NNR00

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMM12 CUI-SMM12 Datasheet
474Kb / 4P
   DC-DC CONVERTER
07/20/2021
logo
Summit Microelectronics...
SMM150 SUMMIT-SMM150 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR00 SUMMIT-SMM150ECR00 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR01 SUMMIT-SMM150ECR01 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR02 SUMMIT-SMM150ECR02 Datasheet
382Kb / 22P
   Single-Channel Supply Voltage Marginer/Monitor
More results

Similar Description - SMM105NNR00

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com