Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM665BFCR1 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMM665BFCR1
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665BFCR1 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM665BFCR1 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665BFCR1 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SMM665B
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2004 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
The Summit Web Site can be accessed by “right” or “left” mouse clicking on the link: http://www.summitmicro.com/
2089 1.1 10/20/04
1
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
FEATURES & APPLICATIONS
• Extremely accurate (±0.1%) Active
DC Output Control (ADOC
TM)
• Undervoltage Lockout function (UVLO)
• ADOCTM Automatically adjusts supply output
voltage level under all DC load conditions
• Monitors, controls, sequences and margins up
to six supplies from 0.3V to 5.5V with 1.25V Vref
Wide Margin/ADOC range from 0.3V to VDD
• Programmable Power-on/-off sequencing
• Monitors internal temperature sensor
• Operates from any intermediate bus supply
from 8V to 15V and from 2.7V to 5.5V
• Monitors 12V input and VDD
• Monitors two general-purpose 10-bit ADC inputs
• Programmable threshold limits (2 OV/2 UV) for
each monitored input
• Programmable RESET, HEALTHY and FAULT
• 4k-bit general purpose nonvolatile memory
• I2C 2-wire serial bus for programming
configuration and monitoring status, including
10-bit ADC conversion results
Applications
• Monitor/Control Distributed and POL Supplies
• Multi-voltage Processors, DSPs, ASICs used in
Telecom, CompactPCI or server systems
INTRODUCTION
The SMM665B is an Active DC Output power supply
Controller (ADOC
TM) that monitors, margins and
cascade sequences. The ADOC feature is unique and
maintains extremely accurate settings of system
supply voltages to within ±0.2% under full load. The
device actively controls up to six DC/DC converters
that use a Trim or Regulator VADJ/FB pin to adjust the
output voltage. For system test, the part also controls
margining of the supplies using I
2C commands. It can
margin supplies with either positive or negative control
within a range of 0.3V to VDD depending on the
specified range of the converter. The SMM665B also
intelligently sequences or cascades the power
supplies on and off in any order using enable outputs
with programmable polarity. It can operate off any
intermediate bus supply ranging from 8V to 15V or
from 5.5V to as low as 2.7V. The part monitors six
power supply channels as well as VDD, 12V input, two
general-purpose analog inputs and an internal
temperature sensor using a 10-bit ADC. The 10-bit
ADC can measure the value on any one of the monitor
channels and output the data via the I
2C bus. A host
system can communicate with the SMM665B status
register, optionally control Power-on/off, margining and
utilize 4K-bits of nonvolatile memory.
SIMPLIFIED APPLICATIONS DRAWING
TRIM
B
PUP
B
VM
B
TRIM_CAP
B
CAP
B
TRIM
A
PUP
A
VM
A
TRIM_CAP
A
CAP
A
SMM665B
µP/
ASIC
3.3VIN (+2.7V to +5.5V Range)
RESET
READY
HEALTHY
12VIN (+8V to +15V Range)
External
or
Internal
TEMP
SENSOR
AIN1
VREF_ADC
2.5VIN
1.2VIN
12V
SDA
SCL
I2C
BUS
3.3V
A2
VREF_CNTL
VIN
TRIM
Vout
DC/DC
Converter A
ON/OFF
VIN
TRIM
Vout
DC/DC
Converter B
ON/OFF
External or
Internal
REFERENCE
Environ
mental
SENSOR
AIN2
DC/DC
Converter C, E
DC/DC
Converter D, F
2 of 6 DC-DC
Converters shown
Figure 1 – Applications Schematic using the SMM665B Controller to actively control the output levels of
up to six DC/DC Converters while also providing power on/off, cascade sequencing and output margining.
Note: This is an applications example only. Some pins, components and values are not shown.


Similar Part No. - SMM665BFCR1

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
More results

Similar Description - SMM665BFCR1

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com