Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS44 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMS44
Description  Highly Programmble Voltage Supervisory Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMS44 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
2047 2.3 10/23/00
SMS44
SUMMIT MICROELECTRONICS, Inc.
PIN DESCRIPTIONS
V0 through V3
These inputs are used as the voltage monitor inputs and as
the voltage supply for the SMS44. Internally they are diode
ORed and the input with the highest voltage potential will
be the default supply voltage.
The RESET# output will be true if any one of the four inputs
is above 1V. However, for full device operation at least one
of the inputs must be at 2.7V or higher.
The sensing threshold for each input is independently
programmable in 20mV increments from 0.9V to 6.0V.
Also, the occurrence of an under- or over-voltage condi-
tion that is detected as a result of the threshold setting can
be used to generate subsequent action(s), such as RE-
SET# or IRQ#. The programmable nature of the threshold
voltage eliminates the need for external voltage divider
networks.
PUP#1, PUP#2, PUP#3
These are the power-up permitted outputs when the
SMS44 is programmed to provide the sequencing of LDOs
or DC to DC converters. Each delay is independently
enabled and programmable for its duration (
configura-
tion register 7). If all PUP# outputs are enabled the
sequence would be as follows: V0 above threshold then
delay to PUP#1 turning on; V1 above threshold then delay
to PUP#2 turning on; V2 above threshold then delay to
PUP#3 turning on to end the sequence.
MR#
The manual reset input always generates a RESET#
output whenever it is driven low. The duration of the
RESET# output pulse will be initiated when MR# goes low
and it will stay low for the duration of MR# low plus the
programmed reset timeout period (tPRTO).
If MR# is
brought low during a power-on-sequence of the PUP#s the
sequence will be halted for the reset duration, and will then
resume from the point at which it was interrupted. If MR#
is low the configuration registers can be read or written to
so long as at least one of the VX inputs is
≥2.7V.
RESET#
The reset output is an active low open drain output. It will
be driven low whenever the MR# input is low or whenever
an enabled under-voltage or over-voltage condition exists,
or when a longdog timer expiration exists. The four voltage
monitor inputs are always functioning, but their ability to
generate a reset is programmable (
configuration regis-
ter 4). Refer to figures 1 and 2 for a detailed illustration of
the relationship between MR#, IRQ#, RESET# and the VIN
levels.
IRQ#
The interrupt output is an active low open-drain output. It
will be driven low whenever the watchdog timer times out
or whenever an enabled under-voltage or over-voltage
condition on a V input exists (
configuration register 6).
Figure 1. RESET# Timing with MR#
MR#
RESET#
tDMRRST
tPRTO
tPRTO
2047 Fig01 1.0
WLDI
Watchdog and longdog timer interrupt input. A low to high
transition on the WLDI input will clear both the watchdog
and longdog timers, effectively starting a new timeout
period.
If WLDI is stuck low and no low-to-high transition is
received within the programmed tPWDTO period (pro-
grammed watch dog timeout) IRQ# will be driven low. If a
transition is still not received within the programmed
tPLDTO period (programmed longdog timeout) RESET# will
be driven low. Refer to Figure 3 for a detailed illustration.
Holding WLDI high will block interrupts from occurring but
will not block the longdog from timing out and generating
a reset. Refer to Figure 4 for a detailed illustration of the
relationship between IRQ#, RESET#, and WLDI.
Figure 2. RESET# Timing with IRQ#
IRQ#
RESET#
tPRTO
V0 — V3
VRST
tD
VPTH
2047 Fig02 1.1


Similar Part No. - SMS44

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SMS44U256M3C CDE-SMS44U256M3C Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
SMS44U306M3C CDE-SMS44U306M3C Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
More results

Similar Description - SMS44

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
   Highly Programmble Voltage Supervisory Circuit
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
   LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com