Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS47GR04 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMS47GR04
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47GR04 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMS47GR04 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
SMS47
2087 1.1 04/11/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
*Note - Stresses beyond the listed Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Temperature Under Bias ...................... –55°C to 125°C
Storage Temperature ............................. –65°C to 150°C
Lead Solder Temperature (10s) ........................... 300 °C
Terminal Voltage with Respect to GND:
V0, V1, V2, and V3 ......... –0.3V to 6.0V
All Others ....................... –0.3V to 6.0V
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC……………………..….…..2000V
Latch-Up testing per JEDEC………..…….......…±100mA
DC OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED OPERATING CONDITIONS
(Over Recommended Operating Conditions; Voltages are relative to GND)
Industrial Temperature Range............... –40ºC to +85ºC.
Commercial Temperature Range..............–5ºC to +70ºC.
VSUPPLY Supply Voltage............................2.7V to 5.5V
VSUPPLY = Device supply voltage provided by the
highest VX input.
Package Thermal Resistance (
θJA)
16 Lead SSOP…………………….………….…23oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
e
t
o
N.
n
i
M.
p
y
T.
x
a
Mti
n
U
V
Y
L
P
P
U
S
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
O
-t
u
o
t
e
s
e
r
d
il
a
v
a
o
t
s
r
e
f
e
r
.
n
i
M
V
1
d
e
t
a
r
e
n
e
g
g
n
i
e
b
t
u
p
0
.
15
.
5V
t
a
:
s
n
o
it
a
r
e
p
o
e
ti
r
W
/
d
a
e
R
V
e
h
t
f
o
e
n
o
t
s
a
e
l
X
e
b
t
s
u
m
s
t
u
p
n
i
V
e
v
o
b
a
r
o
t
a
Y
L
P
P
U
S
.
n
i
m
7
.
25
.
5V
I
C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
V
;
V
5
.
5
=
P
A
C
_
D
D
V
0
V
;
V
7
.
4
t
n
i
o
p
p
ir
t
1 V
,
2,
V
3
V
=
#
R
M
;
D
N
G
=
C
C
s
t
u
p
t
u
o
ll
a
;
g
n
it
a
o
lf
0
0
20
0
4A
µ
s
s
e
c
c
a
r
e
t
s
i
g
e
r
n
o
it
a
r
u
g
if
n
o
C3
A
m
V
H
T
P
e
g
n
a
R
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
)
e
g
n
a
r
w
o
l(
e
g
n
a
r
V
e
g
n
a
r
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
t
e
s
e
R
0
V
o
t
3
)
s
t
n
e
m
e
r
c
n
i
V
m
5
(
6
.
05
7
8
.
1V
V
H
T
P
e
g
n
a
R
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
)
e
g
n
a
r
h
g
i
h
(
e
g
n
a
r
V
e
g
n
a
r
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
t
t
e
s
e
R
0
V
o
t
3
)
s
t
n
e
m
e
r
c
n
i
V
m
5
1
(
8
.
15
2
6
.
5V
V
C
C
A
H
T
P
d
l
o
h
s
e
r
h
t
e
l
b
a
m
m
a
r
g
o
r
P
y
c
a
r
u
c
c
A
V
H
T
P
d
l
o
h
s
e
r
h
t
d
e
m
m
a
r
g
o
r
p
e
h
t
s
i
V
e
h
t
n
i
h
ti
w
t
n
i
o
p
t
e
s
H
T
P
e
g
n
a
R
0
.
1
–V
H
T
P
0
.
1%
V
T
S
Y
H
V
T
S
R
s
i
s
e
r
e
t
s
y
hw
o
l
e
b
1
e
t
o
N
e
e
S0
3V
m
V
L
O
t
u
p
t
u
o
e
g
a
tl
o
v
w
o
L
I
K
N
I
S
V
,
A
m
1
=
P
A
C
_
D
D
V
V
7
.
23
.
0V
I
K
N
I
S
V
,
A
µ
0
0
2
=
P
A
C
_
D
D
V
V
0
.
1
=3
.
0V
V
L
I
d
l
o
h
s
e
r
h
t
t
u
p
n
I
6
.
0V
V
H
I
7
.
0´ V
C
C
V
RELIABILITY CHARACTERISTICS
Data Retention………………….…………..…..100 Years
Endurance……………………….…..…….100,000 Cycles
Note 1: Low Range Hysteresis = 4.2 X (Vtrip - 0.5 volts) mV. For Vtrip = 1.0 volts, Hysteresis = 2.1 mV (0.21 %),
High Range Hysteresis = 12.6 X (Vtrip -0.5 volts) mV. For Vtrip = 5.0 volts, Hysteresis = 56.7 mV (1.13%).


Similar Part No. - SMS47GR04

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

Similar Description - SMS47GR04

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
   Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com