Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS64FR06 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS64FR06
Description  Six-Channel Supply Monitor and Sequencing Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR06 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS64FR06 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
10
VOLTAGE MONITOR
Figure 3 shows a block diagram of a voltage
monitor. The curved resistive element is a symbolic
representation of a non-volatile DAC. When using the
SMX3200 (dongle) and GUI software the threshold
level that is selected is programmed into the SMS64,
effectively adjusting the output of the DAC to the
requested threshold detection level.
The internal
detection circuit resolution is 8-bits and the threshold
detection range is 0.9V to 6.0V. This allows adjusting
the programmable threshold voltage (VPTH) in 20mV
increments.
In applications where the voltage to be monitored
is outside the standard range, or is even a negative
voltage, the ‘naked input’ option can be selected. This
will effectively disconnect the DAC from ground
making the VCC and VM high impedance inputs to the
DAC. With this option selected the input is directly
compared to the internal reference voltage of 0.5V.
This will require the use of an external resistor divider
circuit. If this option is selected, the user must insure
that the external resistors will not allow the VCC or VM
inputs to exceed the recommended operating ranges.
The comparator has two mux’ed voltage inputs,
VCC and VM.
The VCC inputs are used as
‘precondition qualifiers’ (No fault conditions exist)
before the SMS64 is ready to begin any power-on
sequence. Once the sequence has commenced the
mux will automatically switch the comparator to the
VM input. {When using the GUI for the SMS64 this
option is on the channel settings tab and located in the
block designated ‘triggers’}
The VCC inputs are also used as the supply input
for the SMS64. Internally all of the VCC inputs are
diode-OR’ed and the highest VCC input will effectively
become the SMS64 VDD supply. If the VCC input is
not selected as a precursor to power-on, it can be tied
to the corresponding VM input, left open or be tied to
one of the other VCC inputs
The output of the comparator is programmable to
generate either an over-voltage or under-voltage
signal.
PUP OUTPUTS
The primary function of the PUP outputs is to turn-
on or switch external power sources; for example,
turning on low drop-out regulators or DC-to-DC
converters or by providing a high-side drive output to a
MOSFET (Figure 4)
Each PUP output can be programmed as active
high or active low. If active low, the SMS64 will pull
the PUP output to GND in its active state. An external
pull-up resistor must be tied to the PUP output.
If active high is selected, an inactive PUP output
will be pulled low.
Asserting the PUP output will
release the open drain output, necessitating an
external pull-up resistor. When the PUP outputs are
configured as active high or active low they must not
be pulled-up to a potential higher than VDD_CAP.
The PUP output can also be configured as a high-
side driver that can be used to turn on the gate of
an external MOSFET. The gate voltage for all PUP
outputs can be programmed to either 10.5V or 14.5V.
APPLICATIONS INFORMATION
PUP
X
Delay 'up'
Delay 'dn'
Input Select
UV/OV
C
UV/OV
A
UV/OV
B
UV/OV
F
UV/OV
D
UV/OV
E
Highside Driver
Active High
Active Low
Figure 4. PUP Configuration Diagram
-
+
V
REF
VCC
VM
NV-DAC
'naked' input
select
UV/OV
Input Select
Figure 3. Voltage Monitor Diagram


Similar Part No. - SMS64FR06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0C SUMMIT-SMS66FR0C Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0D SUMMIT-SMS66FR0D Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
More results

Similar Description - SMS64FR06

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
logo
Summit Microelectronics...
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com