Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8830AEEV285Z Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AME8830AEEV285Z
Description  Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8830AEEV285Z Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AME8830AEEV285Z Datasheet HTML 1Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME8830AEEV285Z Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AME, Inc.
3
AME8830
Ultra Low Dropout, Fast Turn On
150mA CMOS Regulator
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule before Package Dimension.
* A line on top of the first letter represents lead free plating such as BCMww.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8830 x x x x xxx x
Voltage
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Tempature Range
AME8830AEEV285Y
BCMww
2.85V
TSOT-25
- 40
oC to + 85oC
AME8830AEEV285Z
BCMww
2.85V
SOT-25
- 40
oC to + 85oC
A: 1. VIN
E: -40OC to +85OC
E: SOT-2X
V: 5
285: V=2.85V
Y: Lead free & Low profile
2. GND
Z: Lead free
3. EN
4. BYP
5. VOUT
Special Feature
Pin
Configuration
Voltage
Operating Ambient
Temperature
Range
Package Type
Number
of
Pins


Similar Part No. - AME8830AEEV285Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV180Z AME-AME8831AEEV180Z Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV250Y AME-AME8831AEEV250Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831AEEV250Z AME-AME8831AEEV250Z Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8830AEEV285Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com