Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8831AEEV330Z Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AME8831AEEV330Z
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8831AEEV330Z Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AME8831AEEV330Z Datasheet HTML 1Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME8831AEEV330Z Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AME, Inc.
4
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8831
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
HBM C: 4000V+
Parameter
Maximum
Unit
Input Voltage
6
V
Output Current
PD / (VIN - VOUT)
mA
Output Voltage
GND-0.3 to VIN+0.3
V
ESD Classification
C*
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
Junction Temperature Range
TJ
- 40 to +125
Storage Temperature Range
TSTG
-65 to +150
oC
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance*
(Junction to Case)
θ
JC
81
Thermal Resistance
(Junction to Ambient)
θ
JA
260
Internl Power Dissipation
PD
400
mW
150
oC
350
oC
Conductive Epoxy
Maximum Junction Temperature
Solder Iron (10 Sec)**
oC / W
SOT-25
n Thermal Information


Similar Part No. - AME8831AEEV330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831AEEV330Z AME-AME8831AEEV330Z Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831AEEV330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com