Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8831BEEV330Y Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AME8831BEEV330Y
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8831BEEV330Y Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AME8831BEEV330Y Datasheet HTML 3Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 4Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 5Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 6Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 7Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 8Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 9Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 10Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AME, Inc.
7
AME8831
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
n Detail Description
The AME8831 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error ampli-
fier, over-current protection, and thermal shutdown func-
tion.
The P-channel pass transistor receives data from
the error amplifier, over-current limit, and thermal pro-
tection circuits. During normal operation, the error
amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits
become active when the junction temperature exceeds
150oC, or the current exceeds about 350mA. During
thermal shutdown, the output voltage remains low.
Normal operation is restored when the junction tem-
perature drops below 120oC.
The AME8831 switches from voltage mode to cur-
rent mode when the load exceeds the rated output
current. This prevents over-stress.
n External Capacitors
The AME8831 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have
the lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit
the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are com-
paratively expensive. One option is to parallel a 0.1
µF
ceramic capacitor with a 10
µF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall
cost.
A second capacitor is recommended between the
input and ground to stabilize V
IN. The input capacitor
should be at least 0.1
µF to have a beneficial effect. All
capacitors should be placed in close proximity to the
pins. A
“Quiet” ground termination is desirable. This
can be achieved with a
“Star”connection
n Enable
The Enable pin is optional. EN for active high en-
able, EN for active low enable. When disable the En-
able Pin EN=0, EN=V
IN, the PMOS pass transistor
shuts off, and all internal circuits are powered down.
In this state, the standby current is less than 1
µA.


Similar Part No. - AME8831BEEV330Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831BEEV330Y AME-AME8831BEEV330Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831BEEV330Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com