Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8843AEGT180 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AME8843AEGT180
Description  750mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8843AEGT180 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AME8843AEGT180 Datasheet HTML 1Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 2Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 3Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 4Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 5Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 6Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 7Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 8Page - Asahi Kasei Microsystems AME8843AEGT180 Datasheet HTML 9Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AME, Inc.
4
750mA CMOS LDO
AME8843
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.3V<=VO(NOM)<=1.4V
1900
1.4V<VO(NOM)<=2.0V
1400
2.0V<VO(NOM)<=2.8V
1000
2.8V<VO(NOM)
750
Output Current
IO
750
mA
Current Limit
ILIM
1500 2000
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.3V <= VO <= 1.4V
-0.2
0.2
1.4V < VO <= 2.0V
-0.15
0.15
2.0V < VO < 4.0V
-0.1
0.02
0.1
4.0V <= VO
-0.4
0.2
0.4
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
f=10kHz
20
f=100kHz
15
dB
PSRR
IO=1mA to 750mA
IO=100mA
CO=2.2
µF
µVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0
µF
Co=2.2
µF30
Power Supply Rejection
VO>1.2V
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 750mA
Test Condition
IO=1mA
See
chart
mV
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
%
Dropout Voltage
VDROPOUT
IO=750mA
VO=VO(NOM) -2.0%
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1: V
IN(MIN)=VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Similar Part No. - AME8843AEGT180

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843AEGT180 AME-AME8843AEGT180 Datasheet
97Kb / 11P
   750mA CMOS LDO
AME8843AEGT180Z AME-AME8843AEGT180Z Datasheet
97Kb / 11P
   750mA CMOS LDO
More results

Similar Description - AME8843AEGT180

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com