Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME9003AETHZ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AME9003AETHZ
Description  CCFL Backlight Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME9003AETHZ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AME9003AETHZ Datasheet HTML 3Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 4Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 5Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 6Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 7Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 8Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 9Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 10Page - Asahi Kasei Microsystems AME9003AETHZ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AME, Inc.
7
AME9003
CCFL Backlight Controller
Preliminary
Parameter
Symbol
Min
Typ
Max
Units
Output voltage
VDD
4.9
5.15
5.35
V
Line regulation
VDDLINE
-0.5
0.5
%
Load regulation
VDDLOAD
-0.2
0.2
%
Temperature drift
VDDTC
0.5
%
Initial voltage
VREF
3.3
3.4
3.5
V
Line regulation
VREFLINE
-0.1
0.1
%
Temperature drift
VREFTC
100
ppm/C
Full Scale Brightness Threshold
VCT1,HIGH
2.9
3.1
V
Zero Scale Brightness Threshold
VCT1, LOW
0
100
mV
Frequency Accuracy
FCT1
70
130
Hz
Frequency Range
FCT1
10
1000
Hz
Line regulation
LINECT1
-1
1
%
Temperature drift
TCCT1
=+-3
%
Comparator offset
VOSCT1
10
mV
Initial frequency
FVCO(OUTA)
47
52
kHz
Line regulation
LINEVCO
-0.8
0.8
%
Temperature drift
TCVCO
+-1.5
%
VCO pullin range
PULLVCO
RT2/(RDELTA X 5)
%
Offset voltage, WRT Vref
VOS
50
mV
Input bias current
IB
1
nA
Input offset current
IOS
1
nA
Open loop gain
AOL
70
dB
Unity gain frequency
FT
1
Mhz
Output high voltage (comp)
VOH
3.32
V
Output low voltage
VOL
0.4
V
COMP 100% Duty
VCOMP
3
V
COMP 0% Duty
VCOMP
0
V
Note 1
7< Vbatt < 24V
Note 2
Vco oscillator (RT2, RDELTA)
-10C < Ta < 70C
-10C < Ta < 70C
Vbatt = 15V, Iref = 0
7< Vbatt < 24V
-10C <Ta < 70C
3.4V reference (VREF)
Test Condition
Brightness oscillator (CT1, BRIGHT)
7<Vbatt<24
Vbatt=7V, 0mA < Iload < 25mA
5V supply (VSUPPLY)
7< Vbatt < 24V
-10C < Ta < 70C
Error amplifiers (FB, COMP)
ISINK = 500uA
ISOURCE = 50uA
n Electrical Specifications
TA= 25OC unless otherwise noted, VBATT = 15V, CT1 = 0.047uF, RT2 = 56K


Similar Part No. - AME9003AETHZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
AME9001AETH AME-AME9001AETH Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9002AEJH AKM-AME9002AEJH Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9002AEPH AKM-AME9002AEPH Datasheet
815Kb / 37P
   CCFL Backlight Controller
More results

Similar Description - AME9003AETHZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
AT1741 ETC-AT1741 Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
logo
Maxim Integrated Produc...
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com