Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2S377 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2S377
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2S377 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2S377 Datasheet HTML 1Page - Panasonic Semiconductor MA2S377 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variable Capacitance Diodes
2
MA2S377
CD  VR
IR  Ta
CD  Ta
IF  VF
10
8
7
6
5
4
3
2
1
0 246 8 10 12 14 16 18 20 22 24 26 28 30
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
100
10
1
0.1
0.001
0.01
0
20
40
60
80 100 120 140 160
Ambient temperature T
a
(
°C)
VR
= 28 V
120
100
50
0
0.4
0.9
1.4
Forward voltage V
F
(V)
25
°C
Ta
= 60°C
− 40°C
1.030
1.020
1.010
1.000
0.990
0.986
0
204060
80
100
Ambient temperature T
a
(
°C)
f
= 1 MHz
VR
= 2 V
10 V


Similar Part No. - MA2S377

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2S372 PANASONIC-MA2S372 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2S374 PANASONIC-MA2S374 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2S376 PANASONIC-MA2S376 Datasheet
38Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA2S377

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com