Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC78L09M Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTC78L09M
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC78L09M Datasheet(HTML) 6 Page - Unisonic Technologies

  UTC78L09M Datasheet HTML 1Page - Unisonic Technologies UTC78L09M Datasheet HTML 2Page - Unisonic Technologies UTC78L09M Datasheet HTML 3Page - Unisonic Technologies UTC78L09M Datasheet HTML 4Page - Unisonic Technologies UTC78L09M Datasheet HTML 5Page - Unisonic Technologies UTC78L09M Datasheet HTML 6Page - Unisonic Technologies UTC78L09M Datasheet HTML 7Page - Unisonic Technologies UTC78L09M Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UTC78LXXM
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 6
QW-R101-002,D
UTC78L24M ELECTRICAL CHARACTERISTICS
(VI=33V,Io=40mA, 0°C <Tj<125°C,C1=0.33uF,Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C
23.04
24
24.96
V
Output Voltage
VO
27V<=VI<=38V,IO=1mA - 40mA
22.80
25.20
V
27V<=VI<=VMAX,
IO=1mA - 200mA
22.80
25.20
V
(note 2)
Load Regulation
∆Vo
Tj=25
°C,IO=1mA - 100mA
40
200
mV
Tj=25
°C,IO=1mA - 40mA
20
100
mV
Line regulation
∆Vo
27V<=VI<=38V,Tj=25
°C
160
300
mV
28V<=VI<=38V,Tj=25
°C
150
250
mV
Quiescent Current
Iq
2.2
6.0
mA
Quiescent Current Change
∆Iq
27V<=VI<=38V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
200
uV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-2.0
mV/
°C
Ripple Rejection
RR
27V<=VI<=38V,f=120Hz,
Tj=25
°C
34
45
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W
APPLICATION CIRCUIT
UTC 78LXXM
1
2
3
C0
0.1
µF
C1
0.33
µF
Vi
Vo
Note 1: To specify an output voltage, substitute voltage value for "XXM".
Note 2: Bypass capacitors are recommended for optimum stability and transient response and should be located
as close as possible to the regulators.


Similar Part No. - UTC78L09M

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78L09 YOUWANG-UTC78L09 Datasheet
132Kb / 6P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UTC78L09M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com