Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC3563 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC3563
Description  LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC3563 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC3563 Datasheet HTML 1Page - Unisonic Technologies UTC3563 Datasheet HTML 2Page - Unisonic Technologies UTC3563 Datasheet HTML 3Page - Unisonic Technologies UTC3563 Datasheet HTML 4Page - Unisonic Technologies UTC3563 Datasheet HTML 5Page - Unisonic Technologies UTC3563 Datasheet HTML 6Page - Unisonic Technologies UTC3563 Datasheet HTML 7Page - Unisonic Technologies UTC3563 Datasheet HTML 8Page - Unisonic Technologies UTC3563 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UTC3563
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-013,B
HIGH-EFFICIENCY DC/DC
CONVERTER
DESCRIPTION
The UTC 3563 is a monolithic control circuit
containing the primary functions required for DC to DC
converters and highside-sensed constant current
source. The device consists of an internal temperature
compensated reference, comparator, controlled duty
cycle oscillator with an active current sense circuit,
bootstrapped driver, and high current output switch.
This device is specifically designed to construct a
constant current source for battery chargers with a
minimum
number
of
external
components.
Bootstrapped driver can drive the NPN output switch
to saturation for higher efficiency and less heat
dissipation. The UTC 3563 can deliver 1.5A
continuous current without requiring a heat sink.
FEATURES
*3V to 30V input voltage operation.
*Internal 2A peak current switch.
*1.5A continuous output current.
*Bootstrapped driver.
*High side current sense capability.
*High efficiency (up to 90%)
*Internal
±2% reference.
*Low quiescent current at 1.6mA.
*Frequency operation from 100Hz to 100KHz.
DIP-8
SOP-8
APPLICATIONS
*Constant current source for battery chargers.
*Saver for cellular phones.
*Step-Down DC-DC converter module.
PIN CONFIGURATION
DC
DE
CF
GND
BOOST
IS
VCC
FB
1
2
3
4
8
7
5
6


Similar Part No. - UTC3563

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC3563 UTC-UTC3563 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
More results

Similar Description - UTC3563

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com