Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2107 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2107
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107 Datasheet(HTML) 5 Page - Unisonic Technologies

  M2107 Datasheet HTML 1Page - Unisonic Technologies M2107 Datasheet HTML 2Page - Unisonic Technologies M2107 Datasheet HTML 3Page - Unisonic Technologies M2107 Datasheet HTML 4Page - Unisonic Technologies M2107 Datasheet HTML 5Page - Unisonic Technologies M2107 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M2107
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
5
www.unisonic.com.tw
QW-R105-017,C
TYPICAL CHARACTERICS (Cont.)
Operating Current vs.Temperature
-50
0
50
0
-25
1.0
2.0
75
25
3.0
4.0
125
100
Ambient Temperature, Ta(℃)
Maximum Output Voltage Swing vs.Temperature
-50
0
50
-3.0
-25
-1.0
1.0
75
25
2.0
3.0
125
100
Ambient Temperature, Ta(℃)
-2.0
Input Offset Voltage vs.Temperature
-50
0
50
-2.0
-25
-1.0
0
75
25
1.0
2.0
125
100
Ambient Temperature, Ta(℃)
Input Bias Current vs.Temperature
-50
0
50
100
-25
120
140
75
25
160
180
125
100
Ambient Temperature, Ta(℃)
80
60
40
20
0
V+/V-=±2.5V
V+/V-=±2.5V
V+/V-=±2.5V
V+/V-=±2.5V
Operating Current vs.Operating Voltage
0
0
1
2
3
4
Operating Voltage, V+/V- (V )
Ta=25℃
±1
±2
±3
±4
Operating Voltage, V+/V- (V )
Maximum Output Voltage Swing vs.
Operating Voltage
0
-5
-4
-3
-2
-1
±1
±2
±3
±4
±5
0
2
3
4
5
1
+VoM
-VoM
RL=2.5kΩ, Ta=25℃


Similar Part No. - M2107

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2107 UTC-M2107 Datasheet
320Kb / 6P
   SINGLE OPERATIONAL AMPLIFIER
logo
RAF ELECTRONIC HARDWARE
M2107-2545-AL RAF-M2107-2545-AL Datasheet
85Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-2545-SS RAF-M2107-2545-SS Datasheet
85Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-AL RAF-M2107-3005-AL Datasheet
91Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-N RAF-M2107-3005-N Datasheet
91Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2107

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com