Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13003
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003 Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13003 Datasheet HTML 1Page - Unisonic Technologies MJE13003 Datasheet HTML 2Page - Unisonic Technologies MJE13003 Datasheet HTML 3Page - Unisonic Technologies MJE13003 Datasheet HTML 4Page - Unisonic Technologies MJE13003 Datasheet HTML 5Page - Unisonic Technologies MJE13003 Datasheet HTML 6Page - Unisonic Technologies MJE13003 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJE13003
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R204-004,E
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
F
RANGE
8 ~ 16
15 ~ 21
20 ~ 26
25 ~ 31
30 ~ 36
35 ~ 40
Table 1.Test Conditions for Dynamic Performance
Reverse Bias Safe Operating Area and Inductive Switching
Resistive
Switching
Pw
5V
DUTY CYCLE≦10%
tR, tF≦10ns
68
0.001μF
1k
1N4933
0.02μF 270
+5V
1k
1k
33 1N4933
1N4933
33
+5V
RB
MJE210
IB
2N2222
2N2905
47
1/2W
100
MJE200
-VBE(OFF)
T.U.T.
Vcc
MR826*
Vclamp
*SELECTED FOR≣1kV
5.1k
51
VCE
L
Ic
NOTE
PW and Vcc Adjusted for Desired Ic
RB Adjusted for Desired IB1
+125V
RB
D1
-4.0V
SCOPE
Rc
TUT
Coil Data :
GAP for 30 mH/2 A
VCC=20V
Ferroxcube core #6656
Lcoil=50mH
Vclamp=300V
Full Bobbin ( ~ 200 Turns) #20
VCC=125V
RC=125Ω
D1=1N5820 or
Equiv.
RC=47Ω
Output Waveforms
Ic
Ic(pk)
tf CLAMPED
t
tf
t1
VCE
TIME
t2
t
VCE or
Vclamp
t1 Adjusted to
Obtain Ic
Test Equipment
Scope-Tektronics
475 or Equivalent
t1≒
Lcoil(Icpk)
Vcc
t2≒
Lcoil(Icpk)
Vclamp
+10.3 V
25μS
0
-8.5V
tr, tf<10ns
Duty Cycly=1.0%
RB and Rc adjusted
for desired IB and Ic
Figure 1. Inductive Switching Measurements
Time
ICPK
90% Vclamp
IC
tsv
tRV
tFI
tTI
Vclamp
10% Vclamp
tc
90% Ic
2% Ic
10%
Icpk
VCE
IB
90% IB1
Ic
AMP
Tc
tsv
μ
s
tRV
μ
s
tFI
μ
s
tTI
μ
s
tc
μ
s
0.5
1
1.5
25
100
1.3
1.6
0.23
0.26
0.30
0.30
0.35
0.40
0.30
0.36
25
100
1.5
1.7
0.10
0.13
0.14
0.26
0.05
0.06
0.16
0.29
25
100
1.8
3
0.07
0.08
0.10
0.22
0.05
0.08
0.16
0.28
Table 2. Typical Inductive Switching Performance
NOTE: All Data Recorded in the Inductive Switching
Circuit in Table 1


Similar Part No. - MJE13003

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13003 WINGS-MJE13003 Datasheet
27Kb / 1P
   NPN SILICON TRANSISTOR
logo
Micro Commercial Compon...
MJE13003 MCC-MJE13003 Datasheet
282Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
Savantic, Inc.
MJE13003 SAVANTIC-MJE13003 Datasheet
153Kb / 5P
   Silicon NPN Power Transistors
logo
Unisonic Technologies
MJE13003 UTC-MJE13003 Datasheet
147Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MJE13003

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com