Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2904L-S08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2904L-S08-T
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904L-S08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  M2904L-S08-T Datasheet HTML 1Page - Unisonic Technologies M2904L-S08-T Datasheet HTML 2Page - Unisonic Technologies M2904L-S08-T Datasheet HTML 3Page - Unisonic Technologies M2904L-S08-T Datasheet HTML 4Page - Unisonic Technologies M2904L-S08-T Datasheet HTML 5Page - Unisonic Technologies M2904L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M2904
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-024,B
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+(V+/V-)
32( or±16)
V
Differential Input Voltage
VI(DIFF)
32
V
Input Voltage
VIN
-0.3~+32
V
DIP-8
500
SOP-8
300
Power Dissipation
TSSOP-8
PD
300
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃, V+=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs=0Ω
2
7
mV
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
25
250
nA
Large Signal Voltage Gain
Gv
RL 2kΩ
100
dB
Maximum Output Voltage Swing
VOM
RL=2kΩ
3.5
V
Input Common Mode Voltage
VI(CM)
0~3.5
V
Common Mode Rejection Ratio
RR
85
dB
Supply Voltage Rejection Ratio
SVR
100
dB
Output Source Current
ISOURCE
VIN
+=1V,VIN-=0V
20
30
mA
Output Sink Current
ISINK
VIN
+=0V,VIN-=1V
8
20
mA
Channel Separation
CS
f=1k ~20kHz,Input Referred
120
dB
Operating Current
ICC
RL=∞
0.7
1.2
mA
Slew Rate
SR
V
+/V-=±15V
0.5
V/µs
Unity Gain Bandwidth
fT
V
+/V-=±15V
0.2
MHz


Similar Part No. - M2904L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2904L-S08-T UTC-M2904L-S08-T Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - M2904L-S08-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com