Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCRCT02 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UTCRCT02
Description  Encoder For Remote Controller With Five Functions CMOS IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCRCT02 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UTCRCT02 Datasheet HTML 3Page - Unisonic Technologies UTCRCT02 Datasheet HTML 4Page - Unisonic Technologies UTCRCT02 Datasheet HTML 5Page - Unisonic Technologies UTCRCT02 Datasheet HTML 6Page - Unisonic Technologies UTCRCT02 Datasheet HTML 7Page - Unisonic Technologies UTCRCT02 Datasheet HTML 8Page - Unisonic Technologies UTCRCT02 Datasheet HTML 9Page - Unisonic Technologies UTCRCT02 Datasheet HTML 10Page - Unisonic Technologies UTCRCT02 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UTCRCT02
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
10
QW-R502-002,C
TYPICAL APPLICATION FOR TRANSIMIT CIRCUIT WITH 9V BATTERY
RCT02
S1
S2
S3
S4
S5
S6
POW ER
OFF
R7200K
R12
10M
C12
0.01u
C11
4.7u
V7
4148
V4
4.7V
R9
330
R3
220K
CR1
27.145
V2
9014
R6
100
L1
2.2u
R4
6.8K
R10
1K
C8
0.02u
C3
47
C7
68
C9
68
R5
3.3K
V1
9014
V3
LED
R2
4.7K
L2
2.2u
V6
9013
R8
3.9K
V5
8550
R11
10M
B1
9V
A1
ANTENNA
L4
6.8u
C1
100
C2
150
C4
150
C6
0.2 u
R1
100
L3


Similar Part No. - UTCRCT02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCRCR02 UTC-UTCRCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
UTCRCR03 UTC-UTCRCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
More results

Similar Description - UTCRCT02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
   Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Hamamatsu Corporation
S4506 HAMAMATSU-S4506 Datasheet
158Kb / 2P
   Photo IC for photointerrupters with encoder functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com