Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10465BZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD10465BZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465BZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD10465BZ Datasheet HTML 6Page - Analog Devices AD10465BZ Datasheet HTML 7Page - Analog Devices AD10465BZ Datasheet HTML 8Page - Analog Devices AD10465BZ Datasheet HTML 9Page - Analog Devices AD10465BZ Datasheet HTML 10Page - Analog Devices AD10465BZ Datasheet HTML 11Page - Analog Devices AD10465BZ Datasheet HTML 12Page - Analog Devices AD10465BZ Datasheet HTML 13Page - Analog Devices AD10465BZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD10465
–10–
AD10465 on any input by using the other inputs as alternate
locations for GND or an external resistor. The following chart
summarizes the impedance options available at each input
location:
AIN1 = 100
Ω when A
IN2 and AIN3 are open.
AIN1 = 75
Ω when AIN3 is shorted to GND.
AIN1 = 50
Ω when AIN2 is shorted to GND.
AIN2 = 200
Ω when A
IN3 is open.
AIN2 = 100
Ω when AIN3 is shorted to GND.
AIN2 = 75
Ω when AIN2 to AIN3 has an external resistor of
300
Ω, with AIN3 shorted to GND.
AIN2 = 50
Ω when AIN2 to AIN3 has an external resistor of
100
Ω, with AIN3 shorted to GND.
AIN3 = 400
Ω.
AIN3 = 100
Ω when A
IN3 has an external resistor of 133
Ω to
GND.
AIN3 = 75
Ω when A
IN3 has an external resistor of 92
Ω to
GND.
AIN3 = 50
Ω when A
IN3 has an external resistor of 57
Ω to
GND.
APPLYING THE AD10465
Encoding the AD10465
The AD10465 encode signal must be a high quality, extremely
low phase noise source, to prevent degradation of performance.
Maintaining 14-bit accuracy places a premium on encode clock
phase noise. SNR performance can easily degrade by 3 dB to
4 dB with 32 MHz input signals when using a high-jitter clock
source. See Analog Devices’ Application Note AN-501, “Aper-
ture Uncertainty and ADC System Performance” for complete
details. For optimum performance, the AD10465 must be clocked
differentially. The encode signal is usually ac-coupled into the
ENCODE and
ENCODE pins via a transformer or capacitors.
These pins are biased internally and require no additional bias.
Shown below is one preferred method for clocking the AD10465.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions
into the AD10465 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to the other portions of the AD10465, and limits the
noise presented to the ENCODE inputs. A crystal clock oscillator
can also be used to drive the RF transformer if an appropriate
limiting resistor (typically 100
Ω) is placed in the series with
the primary.
T1-4T
100
0.1nF
ENCODE
ENCODE
AD10465
HSMS2812
DIODES
CLOCK
SOURCE
Figure 6. Crystal Clock Oscillator, Differential Encode
If a low jitter ECL/PECL clock is available, another option is to
ac-couple a differential ECL/PECL signal to the encode input
pins as shown below. A device that offers excellent jitter perfor-
mance is the MC100LVEL16 (or same family) from Motorola.
ENCODE
ENCODE
AD10465
0.1 F
ECL/
PECL
VT
VT
0.1 F
Figure 7. Differential ECL for Encode
Jitter Considerations
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, Equation 1 accurately predicts
the SNR based on three terms. These are jitter, average DNL
error, and thermal noise. Each of these terms contributes to the
noise within the converter.
SNR
f
t rms
V
N
ANALOG
NOISE RMS
N
=− ×
+


+
××
×
() +


20
1
2
2
2
2
2
12
log
/
ε
π
J
(1)
fANALOG
= analog input frequency.
tJ RMS
= rms jitter of the encode (rms sum of encode
source and internal encode circuitry).
ε
= average DNL of the ADC (typically 0.50 LSB).
N
= Number of bits in the ADC.
VNOISE RMS = V rms noise referred to the analog input of the
ADC (typically 5 LSB).
For a 14-bit analog-to-digital converter like the AD10465, aper-
ture jitter can greatly affect the SNR performance as the analog
frequency is increased. The chart below shows a family of curves
that demonstrates the expected SNR performance of the AD10465
as jitter increases. The chart is derived from the above equation.
For a complete discussion of aperture jitter, please consult
Analog Devices’ Application Note AN-501, “Aperture Uncer-
tainty and ADC System Performance.”
RMS CLOCK JITTER – ps
0.1
60
AIN = 5MHz
AIN = 10MHz
AIN = 20MHz
AIN = 32MHz
0.3
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3.3
3.7
0.7
1.1
1.5
1.9
2.3
2.7
3.1
3.5
3.9
61
62
63
64
65
66
67
68
69
70
71
Figure 8. SNR vs. Jitter


Similar Part No. - AD10465BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Similar Description - AD10465BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com