Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1116-XX-TQ2-C-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1116-XX-TQ2-C-R
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1116-XX-TQ2-C-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1116-XX-TQ2-C-R Datasheet HTML 1Page - Unisonic Technologies LR1116-XX-TQ2-C-R Datasheet HTML 2Page - Unisonic Technologies LR1116-XX-TQ2-C-R Datasheet HTML 3Page - Unisonic Technologies LR1116-XX-TQ2-C-R Datasheet HTML 4Page - Unisonic Technologies LR1116-XX-TQ2-C-R Datasheet HTML 5Page - Unisonic Technologies LR1116-XX-TQ2-C-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1116/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R102-022.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
15
V
Operating Junction Temperature
TOPR
0 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1. The device may be damaged while beyond Absolute Maximum Rating.
2. The device is guaranteed to meet performance specifications within 0
°C~70°C operation temperature range,
and is assured by design from 0
°C~125°C.
ELECTRICAL CHARACTERISTICS
(Ta=25
°C, refer to the test circuits, TJ=-0~125°C, CO=10µF, unless otherwise specified.)
For LR1116/A-Adj
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX
UNIT
Reference Voltage
VREF
VIN-VOUT=1.5V, IOUT=10mA, TJ=25°C
1.238
1.25
1.262
V
Reference Voltage
VREF
VIN-VOUT=1V~10V
LR1116 : IOUT=10 to 800mA
LR1116A : IOUT=10 to 1000mA
1.225
1.275
V
Line Regulation
∆VOUT VIN-VOUT=1V~13.75V, IOUT=10mA
0.1
0.6
%
Load Regulation
∆VOUT
VIN-VOUT=1V,
LR1116 : IOUT=10 to 800mA
LR1116A : IOUT=10 to 1000mA
2
3
%
Temperature stability
∆VOUT
0.50
%
Long Term Stability
∆VOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
15
V
Adjustment Pin Current
Iadj
VIN≤15V
60
120
µA
Adjustment Pin Current
Change
∆Iadj
VIN-VOUT=1V~10V,
LR1116 : IOUT=10 to 800mA
LR1116A : IOUT=10 to 1000mA
1
5
µA
Minimum Load Current
IOUT(min) VIN=15V
2
5
mA
Output Current
IOUT
VIN-VOUT=4.5V, TJ=25°C
800
950
1200
mA
Output Noise (%VOUT)
eN
B=10Hz~10KHz, TJ=25°C
0.003
%
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C,
VIN-VOUT=2.5V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
IOUT= 500mA
IOUT= 800mA
IOUT=1000mA
0.4
0.6
0.8
0.9
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W


Similar Part No. - LR1116-XX-TQ2-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR11160.5AG-XX-AA3-A-R UTC-LR11160.5AG-XX-AA3-A-R Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR11160.5AG-XX-AA3-A-T UTC-LR11160.5AG-XX-AA3-A-T Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1116-XX-TQ2-C-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com