Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTS391 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTS391
Description  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTS391 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTS391 Datasheet HTML 1Page - Unisonic Technologies UTCTS391 Datasheet HTML 2Page - Unisonic Technologies UTCTS391 Datasheet HTML 3Page - Unisonic Technologies UTCTS391 Datasheet HTML 4Page - Unisonic Technologies UTCTS391 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC TS391/A/B
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R104-003,B
LOW POWER SINGLE VOLTAGE
COMPARATOR
DESCRIPTION
The UTC TS391/A/B consist of a low power voltage
comparator designed specifically to operate from a single
supply over a wide range of voltages. Operation from split
power supplies is also possible.
This comparator also a unique characteristic in that the
input common-mode voltage range includes ground even
though operated from a single power supply voltage.
FEATURES
*Wide single supply voltage range or dual supplies +2V to
*+34V or ±1V to ±18V
*Very low supply current (0.2mA) independent of supply
voltage (1 mW /comparator at +5V)
*Low input bias current: 25nA typ.
*Low input offset current: ±5nA typ.
*Low input offset voltage: ±1mV typ
*Input common-mode voltage range includes ground.
*Low output saturation voltage: 250mV typ.(Io=4mA).
*Differential input voltage range equal to the supply
*voltage.
1
SOT-25
2
3
4
5
MARKING
Part Number
Marking
TS391
S1
TS391A
SA
TS391B
SB
PIN CONNECTIONS (top view)
TS391
TS391A
Output
1
5
2
3
4
IN(-)
IN(+)
Vcc
GND
IN(+)
1
5
2
3
4
GND
IN(-)
Vcc
Output


Similar Part No. - UTCTS391

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTS391 UTC-UTCTS391 Datasheet
120Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UTCTS391A UTC-UTCTS391A Datasheet
120Kb / 5P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTCTS391

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com