Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ1085-XX-TQ3-A-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ1085-XX-TQ3-A-T
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1085-XX-TQ3-A-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ1085-XX-TQ3-A-T Datasheet HTML 1Page - Unisonic Technologies UZ1085-XX-TQ3-A-T Datasheet HTML 2Page - Unisonic Technologies UZ1085-XX-TQ3-A-T Datasheet HTML 3Page - Unisonic Technologies UZ1085-XX-TQ3-A-T Datasheet HTML 4Page - Unisonic Technologies UZ1085-XX-TQ3-A-T Datasheet HTML 5Page - Unisonic Technologies UZ1085-XX-TQ3-A-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ1085
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-013,D
3A ADJUSTABLE/FIXED LOW
DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UZ1085-xx series are low dropout three-terminal regulators
with 3A output current capability. These devices have been
optimized for low voltage applications including VTT bus
termination, where transient response and minimum input voltage
are critical.
Current limit is trimmed to ensure specified output current and
controlled short-circuit current. On-chip thermal limiting provides
protection against any combination of overload and ambient
temperature that would create excessive junction temperatures.
FEATURES
*Fast transient response
*Low dropout voltage at up to 3A
*Load regulation:0.05% typical
*Trimmed current limit
*On-chip thermal limiting
TO-220
1
TO-263-3
TO-252
1
TO-263
1
1
*Pb-free plating product number: UZ1085L-xx
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UZ1085-xx-TA3-A-T
UZ1085L-xx-TA3-A-T
TO-220
A/G
O
I
Tube
UZ1085-xx-TN3-A-R
UZ1085L-xx-TN3-A-R
TO-252
A/G
O
I
Tape Reel
UZ1085-xx-TN3-A-T
UZ1085L-xx-TN3-A-T
TO-252
A/G
O
I
Tube
UZ1085-xx-TQ2-A-R
UZ1085L-xx-TQ2-A-R
TO-263
A/G
O
I
Tape Reel
UZ1085-xx-TQ2-A-T
UZ1085L-xx-TQ2-A-T
TO-263
A/G
O
I
Tube
UZ1085-xx-TQ3-A-R
UZ1085L-xx-TQ3-A-R
TO-263-3
A/G
O
I
Tape Reel
UZ1085-xx-TQ3-A-T
UZ1085L-xx-TQ3-A-T
TO-263-3
A/G
O
I
Tube
Note: 1. xx: Output Voltage, refer to Marking Information.
2. A: ADJ (for adjustable regulator), G: GND (for fixed regulator)
UZ1085L-xx-TA3-A-T
(1)Packing Type
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(2)Pin Assignment
(1) R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) TA3: TO-220, TN3: TO-252, TQ2: TO-263,
TQ 3: TO-263-3
(5) L: Lead Free Plating, Blank: Pb/Sn
(4) xx: refer to Marking Information


Similar Part No. - UZ1085-XX-TQ3-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1085-XX-TQ3-R UTC-UZ1085-XX-TQ3-R Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085-XX-TQ3-T UTC-UZ1085-XX-TQ3-T Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1085-XX-TQ3-A-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com