Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2X333 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2X333
Description  N type GaAs epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2X333 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2X333 Datasheet HTML 1Page - Panasonic Semiconductor MA2X333 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Variable Capacitance Diodes
MA2X333
N type GaAs epitaxial planar type
For VCO of a radio
For electronic tuning of UHF and VHF TV tuner
I Features
• Small series resistance r
D and high Q value
• Large capacitance ratio during low-voltage operation
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
9V
Forward current (DC)
IF
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 6 V
100
nA
Reverse voltage (DC)
VR
IR = 1
µA9
V
Diode capacitance
CD(2V)
VR = 2 V, f = 1 MHz
13.5
15.5
17.0
pF
CD(4V)
VR = 4 V, f = 1 MHz
4.0
6.8
7.5
pF
CD(6V)
VR = 6 V, f = 1 MHz
2.8
4.0
4.5
pF
Series resistance*
rD
CD = 9 pF, f = 470 MHz
0.25
0.35
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 470 MHz
2
.*: rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
Marking Symbol: 6C
1 : Anode
2 : Cathode
Mini Type Package (2-pin)
12
3.3
± 0.2
*(3.8
± 0.2)
2.7
+ 0.2
− 0.1
INDICATES
CATHODE
5
°
5
°
*(
): WL type


Similar Part No. - MA2X333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
   Silicon epitaxial planar type
MA2X338 PANASONIC-MA2X338 Datasheet
43Kb / 2P
   Silicon epitaxial planar type
MA2X339 PANASONIC-MA2X339 Datasheet
42Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA2X333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Z391 PANASONIC-MA2Z391 Datasheet
38Kb / 2P
   N type GaAs epitaxial planar type
MA2Z392 PANASONIC-MA2Z392 Datasheet
38Kb / 2P
   N type GaAs epitaxial planar type
MA2Z393 PANASONIC-MA2Z393 Datasheet
38Kb / 2P
   N type GaAs epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com