Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF9105ACQQ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GF9105ACQQ
Description  MultiGENTM GF9105A Component Digital Transcoder
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GF9105ACQQ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GF9105ACQQ Datasheet HTML 5Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 6Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 7Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 8Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 9Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 10Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 11Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 12Page - List of Unclassifed Manufacturers GF9105ACQQ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
521 - 88 - 03
9
DATA PORT ENABLE
DP_EN is used for synchronously enabling and disabling the bi-directional data ports of the GF9105A. When DP_EN is set
high, the data ports are disabled and set to a high impedance state. When DP_EN is set low, all data ports are enabled.
INPUT CLOCK (CLK)
For standard video signals, the clock input (CLK) of the GF9105A runs at one of three rates: 13.5/18MHz, 27/36MHz or
54MHz. The 18 MHz and 36 MHz variations on main clock frequencies are used in 16 x 9 video applications where luminance
is sampled at 18 MHz. The use of a 27/36MHz clock with the GF9105A is the most common application. These clocks can be
used with any format of input or output data with the exception of single link mode. Figures 7a and 7c show multiplexed and
non-multiplexed input data with a 27/36MHz clock. When the GF9105A is used with either SMPTE RP174 compliant single link
input or output data, the input clock must run at 54 MHz (see Figure 7b).
A 13.5/18 MHz input clock speed can only be used when both the input and output data are in a non multiplexed format (see
Figure 7d). This clock rate was added to the GF9105A for use when the device is operating with non-multiplexed input and
output data, since in this case a 27.0MHz clock may not be available. To use the 13.5 MHz input clock rate, the LOWF control
bit must be set HIGH. When input clock rates of 27.0 MHz or 54.0 MHz are used, the LOWF control bit must be set LOW.
Please note, when using the GF9105A with non-multiplexed 4:2:2:4 or 4:4:4:4 input data and an input clock rate of 27/36MHz,
two rising edges of the 27/36MHz input clock are required to latch in a 13.5/18MHz input data rate (see Figure 7c).
BASIC OPERATION OF THE GF9105A
The basic operating mode for the GF9105A is selected via the INT/DEC control bit (
See Host Programming Section). The
effective block diagram of the GF9105A Processing Core depends on the state of INT/DEC.
When INT/DEC is set high, the
internal FIR filters are set for interpolation and are placed in front of the programmable 3X3 color space converter. Refer to
Figures 5a and 5c for a functional block diagram of the GF9105A processing core when INT/DEC is set high. When INT/DEC
is set low, the internal FIR filters are set for decimation and are placed after the programmable 3X3 color space converter.
Refer to Figures 5b and 5d for a functional block diagram of the GF9105A with INT/DEC set low. In these figures, static
control bits (signals loaded via the asynchronous parallel interface) are shown at the top of the diagram and control signals
with dedicated input pins are shown at the bottom of the diagram.
DP_EN CONTROL PIN
DP_EN
DESCRIPTION
0
Output data ports enabled.
1
Output data ports disabled (high impedance state).
INPUT CLOCK SUMMARY
INPUT CLOCK RATE (MHz)
MODES
13.5/18 MHz
Non-multiplexed Input Data
AND
Non-multiplexed Output Data (LOWF=1)
27/36 MHz
All Input / Output Data Formats
EXCEPT Single Link
54 MHz
SMPTE RP174 Single Link Input
OR Output Data
INT/DEC CONTROL BIT
INT/DEC
DESCRIPTION
0
FIR filters set for decimation.
FIR filters placed after the 3X3 multiplier as in Figure 5b and 5d.
1
FIR filters set for interpolation.
FIR filters placed before the 3x3 multiplier as in Figure 5a and 5c.


Similar Part No. - GF9105ACQQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF9101 ETC-GF9101 Datasheet
188Kb / 23P
   High Performance Multirate Digital Filter
GF9101-CMQ ETC-GF9101-CMQ Datasheet
188Kb / 23P
   High Performance Multirate Digital Filter
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
GF9102ACTM ETC-GF9102ACTM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Gennum Corporation
GF9103 GENNUM-GF9103 Datasheet
153Kb / 9P
   Over-Sampling Color Space Converter for Video Monitoring
More results

Similar Description - GF9105ACQQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5560 INTERSIL-HC-5560 Datasheet
67Kb / 9P
   PCM Transcoder
January 1997
HC-5560 INTERSIL-HC-5560_03 Datasheet
388Kb / 10P
   PCM Transcoder
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
   PCM Transcoder
July 2003
logo
NXP Semiconductors
TDA3592A PHILIPS-TDA3592A Datasheet
131Kb / 17P
   SECAM-PAL transcoder
January 1988
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_17 Datasheet
248Kb / 7P
   Digital Humidity Digital Component Sensor (DCS) Development Tools
logo
Rohm
BU8710AKS ROHM-BU8710AKS Datasheet
601Kb / 32P
   4-channel ADPCM transcoder for digital cordless telephone base stations
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
   Digital Component Sensor (DCS) Development Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com