Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G14VSE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC1G14VSE
Description  Schmitt-trigger Inverter Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G14VSE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC1G14VSE Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G14VSE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.3.00, Nov.12.2003, page 1 of 9
HD74ALVC1G14
Schmitt-trigger Inverter Buffer
REJ03D0111–0300Z
(Previous ADE-205-627B (Z))
Rev.3.00
Nov.12.2003
Description
The HD74ALVC1G14 has an inverter with schmitt-trigger input in a 5 pin package. Low voltage and high-
speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power
consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range :
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC1G14VSE
VSON-5 pin
TNP-5DV
VS
E (3,000 pcs/reel)


Similar Part No. - HD74ALVC1G14VSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
More results

Similar Description - HD74ALVC1G14VSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
Leshan Radio Company
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
   Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com