Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G53AUSE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV2G53AUSE
Description  2-channel Analog Multiplexer / Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G53AUSE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV2G53AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 9Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 10Page - Renesas Technology Corp HD74LV2G53AUSE Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74LV2G53A
Rev.4.00, Sep.25.2003, page 7 of 11
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
1.5
4.0
7.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
3.0
6.0
8.0
ns
CL = 50 pF
COM or
Yn
Yn or
COM
4.0
8.0
10.0
CL = 15 pF
Enable time
tZH
tZL
5.0
14.0
18.0
ns
CL = 50 pF
INH
COM or
Yn
5.0
8.0
10.0
CL = 15 pF
Disable time
tHZ
tLZ
8.0
14.0
18.0
ns
CL = 50 pF
INH
COM or
Yn
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
7.5
Power dissipation
capacitance
CPD
5.0
8.0
pF
f = 10 MHz


Similar Part No. - HD74LV2G53AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
124Kb / 14P
   2?밹hannel Analog Multiplexer / Demultiplexer
HD74LV2G53A RENESAS-HD74LV2G53A_15 Datasheet
124Kb / 14P
   2?밹hannel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV2G53AUSE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com