Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT4160L04-50TC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLT4160L04-50TC
Description  4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT4160L04-50TC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLT4160L04-50TC Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT4160L04-50TC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
G -LINK
GLT4160L04
4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
May 2001 (Rev.3.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No. 24-2, Industry E. RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 8 -
40
50
60
70
Parameter
Symbol Min. Max. Min. Max. Min. Max. Min. Max. Unit Notes
CAS Hold Time for CAS -before- RAS Cycle
tCHR
8
10
10
15
ns
WE to RAS precharge time ( CAS Before RAS
refresh )
tWRP
10
10
10
10
ns
WE to RAS hold time ( CAS Before RAS
refresh )
tWRH
10
10
10
10
ns
Transition Time
tT
2
50
2
50
2
50
2
50
ns
Refresh Period (2,048 cycles)
tREF
32
32
32
32
ms
Refresh Period (S-Version)
tREF
128
128
128
128
ms
RAS Pulse Width ( CAS Before RAS Self refresh
)
tRASS
100
100
100
100
µs
RAS precharge Time ( CAS Before RAS Self
refresh )
tRPS
70
90
110
130
ns
CAS Hold Time ( CAS Before RAS Self refresh )
tCHS
-50
-50
-50
-50
ns


Similar Part No. - GLT4160L04-50TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4160L04-50TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com