Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT4160L04-70TC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GLT4160L04-70TC
Description  4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT4160L04-70TC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GLT4160L04-70TC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 12Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 13Page - List of Unclassifed Manufacturers GLT4160L04-70TC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
G -LINK
GLT4160L04
4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
May 2001 (Rev.3.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No. 24-2, Industry E. RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 10 -
Notes:
1. Measure with a load equivalent to one TTL input and 100 pF.
2. Assumes that tRCD
≤ t
RCD (max.). If tRCD is greater than tRCD (max.), access time will be tAA
dominant.
3. Assumes that tRAD
≤ t
RAD (max.). If tRAD is greater than tRCD (max.), access time will be
controlled by tCAC.
4. Either tRRH or tRCH must be satisfied for a Read Cycle.
5. Access time is determined by the longest of tAA, tCAC and tCPA.
6. Assumes that tRAD
≥ t
RAD (max.).
7. Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.)
is specified as a reference point only. If tRAD is greater than the specified tRAD (max.)
limit, the access time is controlled by tCAA and tCAC.
8. tWCS, tRWD, tAWD and tCWD are not restrictive operating parameters.
9. tWCS (min.) must be satisfied in an Early Write Cycle.
10. tDS and tDH are referenced to the latter occurrence of CAS or WE .
11. tT is measured between VIH (min.) and VIL (max.). AC-measurements assume tT = 2 ns.


Similar Part No. - GLT4160L04-70TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4160L04-70TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com