Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMT-40-2611 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # TMT-40-2611
Description  Temperature Compensated Amplifier 26 GHz - 40 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TMT-40-2611 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  TMT-40-2611 Datasheet HTML 1Page - Teledyne Technologies Incorporated TMT-40-2611 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TMT 40-2611
Temperature Compensated Amplifier
26 GHz - 40 GHz
08/05
ISO 9001:2000
26 GHz - 40 GHz
TMT 40-2611
36 dB
Gain Vs Temp at any Frequency: +/-2.50 dB
10 dB
12 dBm
+/-2.50 dB
18 dBm
600 mA
Contact Factory
SK12
-54 to +90C
This Amplifier offers exceptional performance over the band 26
GHz to 40 GHz with 12 dBm P1dB output power and 36 dB
Gain.


Similar Part No. - TMT-40-2611

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TMT-40-1807 TELEDYNE-TMT-40-1807 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
More results

Similar Description - TMT-40-2611

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMT-40-2607 TELEDYNE-CMT-40-2607 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 26 GHz - 40 GHz
CMT-40-2605 TELEDYNE-CMT-40-2605 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 26 GHz - 40 GHz
CMT-40-2609 TELEDYNE-CMT-40-2609 Datasheet
890Kb / 2P
   Temperature Compensated Amplifier 26 GHz - 40 GHz
CMT-40-2611 TELEDYNE-CMT-40-2611 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 26 GHz - 40 GHz
CMT-26-1806 TELEDYNE-CMT-26-1806 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 26 GHz
TMT-26-1804 TELEDYNE-TMT-26-1804 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 26 GHz
CMT-26-1804 TELEDYNE-CMT-26-1804 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 26 GHz
CMT-26-1808 TELEDYNE-CMT-26-1808 Datasheet
890Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 26 GHz
CMT-40-1805 TELEDYNE-CMT-40-1805 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
CMT-40-1807 TELEDYNE-CMT-40-1807 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com