Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSPF2510CPG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTCSPF2510CPG
Description  3.3V PHASE-LOCK LOOP CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPF2510CPG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTCSPF2510CPG Datasheet HTML 1Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 2Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 3Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 4Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 5Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 6Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 7Page - Integrated Device Technology IDTCSPF2510CPG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0ºC TO 85ºC TEMPERATURE RANGE
IDTCSPF2510C
3.3V PHASE-LOCK LOOP CLOCK DRIVER
DC ELECTRICAL CHARACTERISTICS OVER OPERATING FREE-AIR TEMPERA-
TURE RANGE (UNLESS OTHERWISE NOTED)
Symbol
Test Conditions
VDD
Min.
Typ.
Max.
Unit
VIH
Input HIGH Level
2

V
VIL
Input LOW Level

0.8
V
VIK
II = -18mA
3V

– 1.2
V
IOH = -100
µA
Min. to Max.
VDD – 0.2

VOH
IOH = -12mA
3V
2.1

V
IOH = -6mA
3V
2.4

IOL = 100
µA
Min. to Max.

0.2
VOH
IOL = 12mA
3V

0.8
V
IOL = 6mA
3V

0.55
II
VI = VDD or GND
3.6V

±5
µA
IDD
VI = VDD or GND, AVDD = GND, IO = 0, Outputs: LOW or HIGH
3.6V

10
µA
∆IDD
One input at VDD - 0.6V, other inputs at VDD or GND
3.3V to 3.6V

500
µA
CPD
PowerDissipationCapacitance
3.6V
10
14
pF
IDDA
(2)
AVDD Power Supply Current
AVDD = 3.3V
10
mA
NOTES:
1. For conditions shown as Min. or Max., use the appropriate value specified under recommended operating conditions.
2. For IDD of AVDD, see TYPICAL CHARACTERISTICS.
Min.
Max.
Unit
Clockfrequency
25
140
MHz
fCLOCK
Input clock duty cycle
40%
60%
Stabilizationtime(1)
1ms
TIMING REQUIREMENTS OVER OPERATING RANGE OF SUPPLY VOLTAGE AND
OPERATING FREE-AIR TEMPERATURE
NOTE:
1. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a fixed-frequency, fixed-phase
reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew, and jitter parameters given in the switching characteristics
table are not applicable.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 25pF
VDD = 3.3V ± 0.165V
VDD = 3.3V ± 0.3V
Parameter (1)
From (Input)
To (Output)
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPHASE error (2)
100MHz < CLK
↑ < 133MHz
FBIN

–150
150
ps
tPHASEerror–jitter(2,4)
CLK
↑ = 133MHz
FBIN
– 50
50

ps
tSK(o)(3)
Any Y (133MHz)
Any Y

150
ps
Jitter(cycle-cycle)
CLK = 66MHz to 133MHz
Any Y or FBOUT

| 70 |
ps
(peak-to-peak)
CLK = 100MHz to 133MHz
Any Y or FBOUT

| 65 |
ps
Duty cycle reference (5)
CLK = 133MHz
Any Y or FBOUT

45
55
%
tR
Any Y or FBOUT
1.3
1.9
0.8
2.1
ns
tF
Any Y or FBOUT
1.7
2.5
0.8
2.5
ns
NOTES:
1. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
2. See PARAMETER MEASUREMENT INFORMATION.
3. The tSK(O) specification is only valid for equal loading of all outputs.
4. Phase error does not include jitter.
5. See TYPICAL CHARACTERISTICS.


Similar Part No. - IDTCSPF2510CPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510CPG IDT-IDTCSP2510CPG Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510CPGG IDT-IDTCSP2510CPGG Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510CPGGI IDT-IDTCSP2510CPGGI Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510CPGI IDT-IDTCSP2510CPGI Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
More results

Similar Description - IDTCSPF2510CPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com