Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74982W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74982W
Description  LCD TV Scan Converter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74982W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74982W Datasheet HTML 1Page - Sanyo Semicon Device LC74982W Datasheet HTML 2Page - Sanyo Semicon Device LC74982W Datasheet HTML 3Page - Sanyo Semicon Device LC74982W Datasheet HTML 4Page - Sanyo Semicon Device LC74982W Datasheet HTML 5Page - Sanyo Semicon Device LC74982W Datasheet HTML 6Page - Sanyo Semicon Device LC74982W Datasheet HTML 7Page - Sanyo Semicon Device LC74982W Datasheet HTML 8Page - Sanyo Semicon Device LC74982W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
No. 7023-2/14
LC74982W
I/O Specifications
Input Signal Overview
Signal type
Pin No.
Pin
Description
Notes
6 to 13
YIN7 to 0
Y/Y/R
54 to 61
RIN7 to 0
Video signals
16 to 23
UIN7 to 0
C/Cb/G
64 to 71
GIN7 to 0
26 to 33
VIN7 to 0
–/Cr/B
74 to 81
BIN7 to 0
90
HITV
NTSC/PAL horizontal sync signal
91
VITV
NTSC/PAL vertical sync signal
Sync signals
92
HIDTV
DTV horizontal sync signal
93
VIDTV
DTV vertical sync signal
94
HIPC
PC horizontal sync signal
95
VIPC
PC vertical sync signal
96
BLKIH
Horizontal enable
Data enable signals
97
BLKIV
Vertical enable
36
CLKITV
NTSC/PAL clock
Pixel clocks
39
CLKIDTV
DTV clock
42
CLKIPC
PC clock
167
XTAL
Display clock
• NTSC, PAL, and DTV (480i and 480p) inputs
YCbCr signals conform to the CCIR 601 standard.
The YC C signal is a multiplexed CbCr signal
(4:2:2).
• PC input (up to XGA)
• Three independent systems for both horizontal
and vertical sync signals
• Any input polarity may be used. Internal
automatic-discrimination.
• Input with the same logic. The polarity can be
inverted internally.
• A composite video signal can be input to BLKIH.
(BLKIV must be tied high in this case.)
• Three independent input systems
• Fixed frequency crystal oscillator (65 MHz maximum)
Output Signal Overview
Signal type
Pin No.
Pin
Description
Notes
106 to 111
ROEVEN5 to 0
Even pixels, red
114 to 119
GOEVEN5 to 0
Even pixels, green
Video signals
122 to 127
BOEVEN5 to 0
Even pixels, blue
in 6-bit output mode
130 to 135
ROODD5 to 0
Odd pixels, red
138 to 143
GOODD5 to 0
Odd pixels, green
146 to 151
BOODD5 to 0
Odd pixels, blue
106 to 111,
ROEVEN7 to 0
Even pixels, red
114, 115
116 to 119,
GOEVEN7 to 0
Even pixels, green
122 to 125
Video signals
126, 127,
BOEVEN7 to 0
Even pixels, blue
in 8-bit output mode
130 to 135
138 to 143,
ROODD7 to 0
Odd pixels, red
146, 147
182 to 189
GOODD7 to 0
Odd pixels, green
192 to 199
BOODD7 to 0
Odd pixels, blue
Sync signals
162
HOUT
Horizontal sync signal
163
VOUT
Vertical sync signal
Data enable signals
102
BLKHOUT
Horizontal enable
103
BLKVOUT
Vertical enable
154
DCLK1
Single-phase clock
Pixel clocks
155
DCLK1B
Single-phase clock (inverted)
158
DCLK2
Two-phase clock
159
DCLK2B
Two-phase clock (inverted)
• Each of the RGB channels is an 6-bit 2-phase
signal.
• The output mode can be switched to single-phase
output mode.
(Output from the ODD pin)
• Each of the RGB channels is an 8-bit 2-phase
signal.
• The output mode can be switched to single-phase
output mode.
(Output from the ODD pin)
• The sync period, position, and polarity can be set.
• A composite sync signal can be output from VOUT.
• Outputs the same frequency as that of the crystal
oscillator.
• The enable period and the polarity can be set.
• A composite signal can be output from BLKVOUT.
• Outputs a frequency 1/2 that of the crystal
oscillator.


Similar Part No. - LC74982W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
More results

Similar Description - LC74982W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Toshiba Semiconductor
TC90A36F TOSHIBA-TC90A36F Datasheet
1Mb / 31P
   FIELD DOUBLE-SCAN CONVERTER IC FOR A MULTI-STANDARD COLOR TV
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
   Automotive LCD TV signal processor IC
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com