Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723A-18CETB Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1723A-18CETB
Description  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723A-18CETB Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1723A-18CETB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1723A-18CETB Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AIC1723A
ELECTRICAL CHARACTERISTICS (TA=25°C, CIN=1µF, COUT=4.7µF, unless
otherwise specified.) (Note 1)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1723A-52
AIC1723A-50
AIC1723A-38
AIC1723A-37
AIC1723A-35
AIC1723A-33
AIC1723A-30
AIC1723A-27
AIC1723A-25
AIC1723A-20
AIC1723A-18
VIN=8V
-2
+2
%
Line Regulation
IL=1mA,
1.8V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~8V
VIN=5.5V~8V
3
3
10
15
mV
Load Regulation
(Note 2)
IL=0.1~500mA
1.8V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
10
20
30
50
mV
Current Limit
(Note 3)
VIN=7V, VOUT=0V
500
mA
Dropout Voltage
(Note 4)
IL=500mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.8V
≤VOUT≤1.9V
510
650
780
1100
1400
mV
Ground Current
IO=0.1mA~IMAX
1.8V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~8V
VIN=7~8V
65
65
90
90
µA
Note 1:
Specifications are production tested at TA =25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.
4


Similar Part No. - AIC1723A-18CETB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CE AIC-AIC1723-33CE Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CET AIC-AIC1723-33CET Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CF AIC-AIC1723-33CF Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CY AIC-AIC1723-33CY Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723A-18CETB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com