Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY268P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY268P
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY268P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY268P Datasheet HTML 1Page - Power Integrations, Inc. TNY268P Datasheet HTML 2Page - Power Integrations, Inc. TNY268P Datasheet HTML 3Page - Power Integrations, Inc. TNY268P Datasheet HTML 4Page - Power Integrations, Inc. TNY268P Datasheet HTML 5Page - Power Integrations, Inc. TNY268P Datasheet HTML 6Page - Power Integrations, Inc. TNY268P Datasheet HTML 7Page - Power Integrations, Inc. TNY268P Datasheet HTML 8Page - Power Integrations, Inc. TNY268P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 G4/05
TNY263-268
Figure 5. TinySwitch-II Auto-Restart Operation.
0
1000
2000
Time (ms)
0
5
0
10
100
200
300
V
DRAIN
V
DC-OUTPUT
70 °C (typical) is provided to prevent overheating of the PC
board due to a continuous fault condition.
Current Limit
ThecurrentlimitcircuitsensesthecurrentinthepowerMOSFET.
When this current exceeds the internal threshold (I
LIMIT), the
powerMOSFETisturnedofffortheremainderofthatcycle.The
current limit state machine reduces the current limit threshold
by discrete amounts under medium and light loads.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so that
currentspikescausedbycapacitanceandsecondary-siderectifier
reverse recovery time will not cause premature termination of
the switching pulse.
Auto-Restart
In the event of a fault condition such as output overload, output
short circuit, or an open loop condition, TinySwitch-II enters
into auto-restart operation. An internal counter clocked by the
oscillator gets reset every time the EN/UV pin is pulled low. If
the EN/UV pin is not pulled low for 50 ms, the power MOSFET
switching is normally disabled for 850 ms (except in the case of
line under-voltage condition, in which case it is disabled until
the condition is removed). The auto-restart alternately enables
and disables the switching of the power MOSFETuntil the fault
condition is removed. Figure 5 illustrates auto-restart circuit
operation in the presence of an output short circuit.
In the event of a line under-voltage condition, the switching
of the power MOSFET is disabled beyond its normal 850 ms
time until the line under-voltage condition ends.
Line Under-Voltage Sense Circuit
TheDClinevoltagecanbemonitoredbyconnectinganexternal
resistor from the DC line to the EN/UV pin. During power-up
or when the switching of the power MOSFET is disabled in
auto-restart, the current into the EN/UV pin must exceed 49 µA
to initiate switching of the power MOSFET. During power-up,
this is accomplished by holding the BYPASS pin to 4.8 V while
the line under-voltage condition exists. The BYPASS pin then
rises from 4.8 V to 5.8 V when the line under-voltage condition
goes away. When the switching of the power MOSFET is
disabledinauto-restartmodeandalineunder-voltagecondition
exists, the auto-restart counter is stopped. This stretches the
disable time beyond its normal 850 ms until the line under-
voltage condition ends.
The line under-voltage circuit also detects when there is
no external resistor connected to the EN/UV pin (less than
~ 2 µAinto the pin). In this case the line under-voltage function
is disabled.
TinySwitch-II
Operation
TinySwitch-II
devices operate in the current limit mode. When
enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit or when the DC
MAX limit is
reached. Since the highest current limit level and frequency of
a TinySwitch-II design are constant, the power delivered to the
loadisproportionaltotheprimaryinductanceofthetransformer
and peak primary current squared. Hence, designing the supply
involves calculating the primary inductance of the transformer
for the maximum output power required. If the TinySwitch-II
is appropriately chosen for the power level, the current in the
calculated inductance will ramp up to current limit before the
DC
MAX limit is reached.
Enable Function
TinySwitch-II
sensestheEN/UVpintodeterminewhetherornot
to proceed with the next switching cycle as described earlier.
The sequence of cycles is used to determine the current limit.
Onceacycleisstarted,italwayscompletesthecycle(evenwhen
the EN/UV pin changes state half way through the cycle). This
operation results in a power supply in which the output voltage
ripple is determined by the output capacitor, amount of energy
per switch cycle and the delay of the feedback.
The EN/UV pin signal is generated on the secondary by
comparing the power supply output voltage with a reference
voltage. The EN/UV pin signal is high when the power supply
output voltage is less than the reference voltage.
In a typical implementation, the EN/UV pin is driven by an
optocoupler. The collector of the optocoupler transistor is
connected to the EN/UV pin and the emitter is connected to


Similar Part No. - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
TNY268P POWERINT-TNY268P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com