Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JK1AF-5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JK1AF-5V
Description  SLIM TYPE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JK1AF-5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JK1AF-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JK1AF-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JK1AF-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JK
294
3. Coil temperature rise
(High capacity type)
Measured portion: Inside the coil
Contact current: 8 A
4. Ambient temperature characteristics
(High capacity type)
Contact current: 8 A
80
120 140
160
180
100
20
40
60
80
0
Coil applied voltage, %V
Ambient
temperature
25
°C
Ambient
temperature
70
°C
20
40
60
80
100
200
300
0
Ambient temperature,
°C
Allowable ambient temperatures
against % coil voltage (max.
inside the coil temperature
set as 115
°C 239°F)
Pick-up voltage with a hot-start
condition of 100%V on the coil
Pick-up voltage
5.-(1) Life curve (Standard type)
Operation frequency: 20 times/min.
(ON/OFF = 1.5s:1.5s)
Ambient temperature: Room temperature
5.-(2) Life curve (High capacity type)
Operation frequency: 20 times/min.
(ON/OFF = 1.5s:1.5s)
Ambient temperature: Room temperature
10
1
100
1
02
3
4
125V AC
resistive load
250V AC
resistive load
Contact current, A
100
10
1
2
3
45
6
7
89
125V AC
resistive load
250V AC
resistive load
Contact current, A
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - JK1AF-5V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JK130-010 HUAXINAN-JK130-010 Datasheet
366Kb / 5P
   Resettable Fuse PTC 130V Series
JK130-015 HUAXINAN-JK130-015 Datasheet
366Kb / 5P
   Resettable Fuse PTC 130V Series
JK130-017 HUAXINAN-JK130-017 Datasheet
366Kb / 5P
   Resettable Fuse PTC 130V Series
JK130-020 HUAXINAN-JK130-020 Datasheet
366Kb / 5P
   Resettable Fuse PTC 130V Series
JK130-025 HUAXINAN-JK130-025 Datasheet
366Kb / 5P
   Resettable Fuse PTC 130V Series
More results

Similar Description - JK1AF-5V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
logo
Nais(Matsushita Electri...
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
   THE SLIM POWER RELAY
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
   THE SLIM POWER RELAY
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
   Slim Relay
logo
Nais(Matsushita Electri...
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
   250 mW Slim Power Relay
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
logo
Fujitsu Component Limit...
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com