Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0046 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0046
Description  HD/SD Multi-Rate Serial Digital Video Data Reclocker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0046 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH0046 Datasheet HTML 1Page - National Semiconductor (TI) LMH0046 Datasheet HTML 2Page - National Semiconductor (TI) LMH0046 Datasheet HTML 3Page - National Semiconductor (TI) LMH0046 Datasheet HTML 4Page - National Semiconductor (TI) LMH0046 Datasheet HTML 5Page - National Semiconductor (TI) LMH0046 Datasheet HTML 6Page - National Semiconductor (TI) LMH0046 Datasheet HTML 7Page - National Semiconductor (TI) LMH0046 Datasheet HTML 8Page - National Semiconductor (TI) LMH0046 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Note 3)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SD
Serial Data Rate
SMPTE 259M, A
SDI, SDO
143
Mbps
BR
SD
Serial Data Rate
SMPTE 259M, C
SDI, SDO
270
Mbps
BR
SD
Serial Data Rate
SMPTE 292M
SDI, SDO
1483,
1485
Mbps
TOL
JIT
Serial Input Jitter
Tolerance
143 or 270 Mbps,
(Notes 7, 8, 9)
SDI
>6UI
P-P
TOL
JIT
Serial Input Jitter
Tolerance
143 or 270 Mbps,
(Notes 7, 8, 10, 13)
SDI
>0.6
UI
P-P
TOL
JIT
Serial Input Jitter
Tolerance
1483 Mbps or 1485
Mbps, (Notes 7, 8, 9)
SDI
>6UI
P-P
TOL
JIT
Serial Input Jitter
Tolerance
1483 Mbps or 1485
Mbps, (Notes 7, 8, 10,
13)
SDI
>0.6
UI
P-P
t
JIT
Additive Output Jitter
143 Mbps, (Note 8)
SDO
0.02
0.08
UI
P-P
t
JIT
Additive Output Jitter
270 Mbps, (Note 8)
SDO
0.02
0.08
UI
P-P
t
JIT
Additive Output Jitter
1483 Mbps, 1485 Mbps,
(Note 8)
SDO
0.05
0.1
UI
P-P
λ
BW
Jitter Transfer Function
−3 dB Bandwidth
(Fractional Loop
Bandwidth)
All supported data rates,
(Note 11)
0.1
0.25
0.35
%BR
SD
δ
Jitter Transfer Function
Peaking
All supported data rates,
(Note 12)
0.05
0.1
dB
F
CO
Serial Clock Output
Frequency
143 Mbps data rate
SCO, SCO
143
MHz
F
CO
Serial Clock Output
Frequency
270 Mbps data rate
SCO, SCO
270
MHz
F
CO
Serial Clock Output
Frequency
1483 Mbps data rate
SCO, SCO
1483
MHz
F
CO
Serial Clock Output
Frequency
1485 Mbps data rate
SCO, SCO
1485
MHz
t
JIT
Serial Clock Output
Jitter
SCO, SCO
23
ps
RMS
Serial Clock Output
Alignment with respect
to Data Interval
SDO, SDO,
SCO, SCO
35
65
%
Serial Clock Output
Duty Cycle
SCO, SCO
40
60
%
T
ACQ
Acquisition Time
Color bar pattern or
PRBS 23 sequence.
(Note 6)
10
ms
t
r,tf
Input rise/fall time
10%–90%
Logic inputs
1.5
3
ns
t
r,tf
Input rise/fall time
20%–80%, 143 or 270
Mbps
SDI
400
1500
ps
t
r,tf
Input rise/fall time
20%–80%, 1483 or
1485 Mbps
SDI
80
120
170
ps
t
r,tf
Output rise/fall time
10%–90%, C
L = 5 pF
Logic outputs
1.5
3
ns
t
r,tf
Output rise/fall time
20%–80%,1483 or 1485
Mbps, (Note 5)
SDO, SDO,
SCO, SCO
90
130
ps
www.national.com
5


Similar Part No. - LMH0046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI-LMH0046 Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046 TI1-LMH0046 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH/NOPB TI1-LMH0046MH/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX TI-LMH0046MHX Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
   HD/SD Auto-Rate Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com