Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY277P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TNY277P
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY277P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TNY277P Datasheet HTML 2Page - Power Integrations, Inc. TNY277P Datasheet HTML 3Page - Power Integrations, Inc. TNY277P Datasheet HTML 4Page - Power Integrations, Inc. TNY277P Datasheet HTML 5Page - Power Integrations, Inc. TNY277P Datasheet HTML 6Page - Power Integrations, Inc. TNY277P Datasheet HTML 7Page - Power Integrations, Inc. TNY277P Datasheet HTML 8Page - Power Integrations, Inc. TNY277P Datasheet HTML 9Page - Power Integrations, Inc. TNY277P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6 E2/06
TNY274-280
Figure 12. Normal Power-Down Timing (without UV).
Figure 13. Slow Power-Down Timing with Optional External
(4 MΩ) UV Resistor Connected to EN/UV Pin.
Figure 10. Power-Up with Optional External UV Resistor (4 MΩ)
Connected to EN/UV Pin.
Figure 11. Power-Up Without Optional External UV Resistor
Connected to EN/UV Pin.
PI-2661-082305
V
DRAIN
V
EN
CLOCK
DC
DRAIN
I
MAX
Figure 9. Operation at Very Light Load.
At near maximum load, TinySwitch-III will conduct during
nearly all of its clock cycles (Figure 6). At slightly lower load,
it will “skip” additional cycles in order to maintain voltage
regulation at the power supply output (Figure 7). At medium
loads,cycleswillbeskippedandthecurrentlimitwillbereduced
(Figure 8).At very light loads, the current limit will be reduced
even further (Figure 9). Only a small percentage of cycles will
occur to satisfy the power consumption of the power supply.
The response time of the ON/OFF control scheme is very fast
compared to PWM control. This provides tight regulation and
excellent transient response.
0
2.5
5
Time (s)
0
100
200
400
300
0
100
200
V
DC-INPUT
V
DRAIN
0
1
2
Time (ms)
0
200
400
5
0
10
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN
0
1
2
Time (ms)
0
200
400
5
0
10
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN
0
.5
1
Time (s)
0
100
200
300
0
100
200
400
V
DC-INPUT
V
DRAIN


Similar Part No. - TNY277P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY277P POWERINT-TNY277P Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY277P POWERINT-TNY277P Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG-TL POWERINT-TNY277PG-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY277PN-TL POWERINT-TNY277PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY277P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com