Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V408BFP-10L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M5V408BFP-10L
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V408BFP-10L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5V408BFP-10L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MITSUBISHI ELECTRIC
M5M5V408BFP/TP/RT/KV/KR
revision-K1.0e, ' 98.09.07
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
4
ABSOLUTE MAXIMUM RATINGS
pF
8
10
VI=GND, VI=25mVrms, f=1MHz
VO
=GND,VO=25mVrms, f=1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
µA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH1
IOH= -0.5mA
VOH2
IOH= -0.05mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
S=VIH or OE=VIH, VI/O=0 ~ Vcc
Vcc+0.3V
0.6
2.2
-0.3 *
2.4
0.5
0.4
±1
40
30
12
Vcc-0.5V
±1
7
-HW, -HI
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
+70°C
+40 ~ +70°C
+25 ~ +40°C
1.2
0.3
f= 10MHz
f= 1MHz
-
-
-
-
-
-
-
-
-
-
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating
temperature
Storage temperature
V
mW
°C
°C
Conditions
Ta=25°C
700
-20 ~ +85
-65 ~150
Ratings
Vcc
VI
VO
Pd
Ta
Tstg
-0.5* ~ +4.6
-0.5* ~ Vcc + 0.5
0 ~ Vcc
Symbol
Parameter
Units
-40 ~ +85
0 ~ +70
Standard
W-version
I-version
With respect to GND
f= 10MHz
f= 1MHz
5
40
30
7
5
+70 ~ +85°C
+70 ~ +85°C
-20 ~ +25°C
-40 ~ +25°C
-L, -LW, -LI
-H, -HW, -HI
0 ~ +25°C
-H
-HW
-HI
-
-LW, -LI
-
-
0.3
0.3
1
1.2
1.2
3.6
-
-
-
-
24
24
48
-
(-L, -H)
(-LW, -HW)
(-LI, -HI)
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.6V, unless otherwise noted)
High-level input voltage
Low-level input voltage
High-level output voltage 1
High-level output voltage 2
Low-level output voltage
Input leakage current
Output leakage current
Active supply current
( AC,MOS level )
( AC,TTL level )
Active supply current
Stand by supply current
( AC,MOS level )
( AC,TTL level )
Stand by supply current
S
≤0.2V
Other inputs
≤0.2V or ≥Vcc-0.2V
Output-open
S=VIL
Other inputs=VIH or VIL
Output-open
S=V ,Other inputs= 0 ~ Vcc
S
≥Vcc-0.2V
Other inputs=0~Vcc
* -3.0V in case of AC (Pulse width
≤ 30ns)
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical value is for Vcc=3.0V and Ta=25°C
CAPACITANCE
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
≤ 30ns)


Similar Part No. - M5M5V408BFP-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V408BFP-10L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com