Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY263PTL Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY263PTL
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY263PTL Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY263PTL Datasheet HTML 7Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 8Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 9Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 10Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 11Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 12Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 13Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 14Page - Power Integrations, Inc. TNY263PTL Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
TNY263-268
G
4/05
2. A secondary output of 5 V with a Schottky rectifier diode.
3. Assumed efficiency of 77% (TNY267 & TNY268),
75% (TNY265&TNY266)and73%(TNY263&TNY264).
4. The parts are board mounted with SOURCE pins soldered
to sufficient area of copper to keep the die temperature at
or below 100 °C.
In addition to the thermal environment (sealed enclosure,
ventilated, open frame, etc.), the maximum power capability
of TinySwitch-II in a given application depends on transformer
core size and design (continuous or discontinuous), efficiency,
minimum specified input voltage, input storage capacitance,
output voltage, output diode forward drop, etc., and can be
different from the values shown in Table 1.
Audible Noise
The TinySwitch-II practically eliminates any transformer audio
noiseusingsimpleordinaryvarnishedtransformerconstruction.
No gluing of the cores is needed. The audio noise reduction
is accomplished by the TinySwitch-II controller reducing the
current limit in discrete steps as the load is reduced. This
minimizes the flux density in the transformer when switching
at audio frequencies.
Worst Case EMI & Efficiency Measurement
Since identical TinySwitch-II supplies may operate at several
different frequencies under the same load and line conditions,
care must be taken to ensure that measurements are made under
worstcaseconditions.WhenmeasuringefficiencyorEMIverify
that the TinySwitch-II is operating at maximum frequency and
that measurements are made at both low and high line input
voltages to ensure the worst case result is obtained.
Layout
Single Point Grounding
Use a single point ground connection at the SOURCE pin for
the BYPASS pin capacitor and the Input Filter Capacitor
(see Figure 17).
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and TinySwitch-II together
should be kept as small as possible.
Primary Clamp Circuit
A clamp is used to limit peak voltage on the DRAIN pin at
turn-off. This can be achieved by using an RCD clamp (as
shown in Figure 14). A Zener and diode clamp (200 V) across
the primary or a single 550 V Zener clamp from DRAIN to
SOURCE can also be used. In all cases care should be taken
to minimize the circuit path from the clamp components to the
transformer and TinySwitch-II.
Thermal Considerations
Copper underneath the TinySwitch-II acts not only as a single
point ground, but also as a heatsink. The hatched areas shown
in Figure 17 should be maximized for good heat sinking of
TinySwitch-II
and the same applies to the output diode.
EN/UV pin
If a line under-voltage detect resistor is used then the resistor
should be mounted as close as possible to the EN/UV pin to
minimize noise pick up.
Thevoltageratingofaresistorshouldbeconsideredfortheunder-
voltagedetect(Figure15:R2,R3)resistors. For1/4 Wresistors,
the voltage rating is typically 200 V continuous, whereas for
1/2 W resistors the rating is typically 400 V continuous.
Y-Capacitor
The placement of the Y-capacitor should be directly from the
primary bulk capacitor positive rail to the common/return
terminal on the secondary side. Such placement will maximize
the EMI benefit of the Y-capacitor and avoid problems in
common-mode surge testing.
Optocoupler
It is important to maintain the minimum circuit path from
the optocoupler transistor to the TinySwitch-II EN/UV and
SOURCE pins to minimize noise coupling.
The EN/UV pin connection to the optocoupler should be kept
to an absolute minimum (less than 12.7 mm or 0.5 in.), and
this connection should be kept away from the DRAIN pin
(minimum of 5.1 mm or 0.2 in.).
Output Diode
Forbestperformance,theareaoftheloopconnectingthesecondary
winding, the output diode and the output filter capacitor, should
be minimized. See Figure 17 for optimized layout. In addition,
sufficient copper area should be provided at the anode and
cathode terminals of the diode for adequate heatsinking.
Input and Output Filter Capacitors
There are constrictions in the traces connected to the input and
output filter capacitors. These constrictions are present for two
reasons. The first is to force all the high frequency currents
to flow through the capacitor (if the trace were wide then it
could flow around the capacitor). Secondly, the constrictions
minimizetheheattransferredfromtheTinySwitch-IItotheinput
filter capacitor and from the secondary diode to the output filter
capacitor. The common/return (the negative output terminal
in Figure 17) terminal of the output filter capacitor should be
connected with a short, low impedance path to the secondary
winding. In addition, the common/return output connection
should be taken directly from the secondary winding pin and
not from the Y-capacitor connection point.


Similar Part No. - TNY263PTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PTL POWERINT-TNY263PTL Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY263PTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com