Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642ATT9E-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6642ATT9E-T
Description  짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT9E-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6642ATT9E-T Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 9Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 10Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 11Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 12Page - Maxim Integrated Products MAX6642ATT9E-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
command byte) that occurs immediately after POR
returns the current local temperature data.
Single-Shot
The single-shot command immediately forces a new
conversion cycle to begin. If the single-shot command
is received while the MAX6642 is in standby mode
(RUN bit = 1), a new conversion begins, after which the
device returns to standby mode. If a single-shot con-
version is in progress when a single-shot command is
received, the command is ignored. If a single-shot
command is received in autonomous mode (RUN bit =
0), the command is ignored.
Configuration Byte Functions
The configuration byte register (Table 4) is a read-write
register with several functions. Bit 7 is used to mask
(disable) interrupts. Bit 6 puts the MAX6642 into stand-
by mode (STOP) or autonomous (RUN) mode. Bit 5 dis-
ables local temperature conversions for faster (8Hz)
remote temperature monitoring. Bit 4 prevents setting
the ALERT output until two consecutive measurements
result in fault conditions.
Status Byte Functions
The status byte register (Table 5) indicates which (if
any) temperature thresholds have been exceeded. This
byte also indicates whether the ADC is converting and
whether there is an open-circuit fault detected on the
external sense junction. After POR, the normal state of
all flag bits is zero, assuming no alarm conditions are
present. The status byte is cleared by any successful
read of the status byte after the overtemperature fault
condition no longer exists.
Slave Addresses
The MAX6642 has eight fixed addresses available.
These are shown in Table 6.
The MAX6642 also responds to the SMBus alert
response slave address (see the Alert Response
Address section).
POR and UVLO
To prevent ambiguous power-supply conditions from
corrupting the data in memory and causing erratic
behavior, a POR voltage detector monitors VCC and
clears the memory if VCC falls below 2.1 (typ). When
power is first applied and VCC rises above 2.1 (typ),
the logic blocks begin operating, although reads and
writes at VCC levels below 3V are not recommended. A
second VCC comparator, the ADC undervoltage lockout
(UVLO) comparator prevents the ADC from converting
until there is sufficient headroom (VCC = +2.7V typ).
Power-Up Defaults
Power-up defaults include:
• ALERT output is cleared.
• ADC begins autoconverting at a 4Hz rate.
• Command byte is set to 00h to facilitate quick
local Receive Byte queries.
• Local (internal) THIGH limit set to +70°C.
• Remote (external) THIGH limit set to +120°C.
Applications Information
Remote-Diode Selection
The MAX6642 can directly measure the die temperature
of CPUs and other ICs that have on-board temperature-
sensing diodes (see the Typical Operating Circuit) or
they can measure the temperature of a discrete diode-
connected transistor.
Effect of Ideality Factor
The accuracy of the remote temperature measurements
depends on the ideality factor (n) of the remote “diode”
(actually a transistor). The MAX6642 is optimized for n
= 1.008, which is the typical value for the Intel Pentium
III. A thermal diode on the substrate of an IC is normally
a PNP with its collector grounded. DXP should be con-
nected to the anode (emitter) and the cathode should
be connected at GND of the MAX6642.
If a sense transistor with an ideality factor other than
1.008 is used, the output data is different from the data
obtained with the optimum ideality factor. Fortunately,
the difference is predictable.
Assume a remote-diode sensor designed for a nominal
ideality factor nNOMINAL is used to measure the tem-
perature of a diode with a different ideality factor n1.
The measured temperature TM can be corrected using:
TT
n
n
M
ACTUAL
NOMINAL
=
1
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
_______________________________________________________________________________________
9
PART NO. SUFFIX
ADDRESS
MAX6642ATT90
1001 000
MAX6642ATT92
1001 001
MAX6642ATT94
1001 010
MAX6642ATT96
1001 011
MAX6642ATT98
1001 100
MAX6642ATT9A
1001 101
MAX6642ATT9C
1001 110
MAX6642ATT9E
1001 111
Table 6. Slave Address


Similar Part No. - MAX6642ATT9E-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT9E-T MAXIM-MAX6642ATT9E-T Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT9E-T MAXIM-MAX6642ATT9E-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT9E-T MAXIM-MAX6642ATT9E-T Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT9E-T MAXIM-MAX6642ATT9E-T Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT9E-T MAXIM-MAX6642ATT9E-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT9E-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com