Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100B3R3CP500X Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 100B3R3CP500X
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

100B3R3CP500X Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 100B3R3CP500X Datasheet HTML 7Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 8Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 9Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 10Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 11Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 12Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 13Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 14Page - Freescale Semiconductor, Inc 100B3R3CP500X Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
11
RF Device Data
Freescale Semiconductor
Figure 23. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Zload
1920
1930
1940
4.238 + j15.142
4.490 + j15.466
4.322 + j15.362
7.764 + j28.829
8.056 + j29.352
8.436 + j29.727
VDD = 28 V, IDQ = 12 mA, Pout = 0.9 W PEP
1950
1960
1970
4.605 + j15.711
4.905 + j16.050
4.752 + j15.904
8.809 + j30.249
9.183 + j30.763
9.598 + j31.213
1980
5.071 + j16.236
10.030 + j31.690
1990
5.262 + j16.446
10.546 + j32.237
2000
5.487 + j16.632
11.054 + j32.726
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Zsource
f = 1920 MHz
Zo = 50 Ω
f = 2000 MHz
f = 1920 MHz
f = 2000 MHz
Zload
f
MHz
Zsource
Zload
2100
2110
2120
2.667 + j12.903
2.664 + j13.224
2.671 + j13.070
5.892 + j26.374
6.092 + j26.739
6.281 + j27.094
VDD = 28 V, IDQ = 12 mA, Pout = 0.9 W PEP
2130
2140
2150
2.694 + j13.431
2.702 + j13.700
2.703 + j13.511
6.540 + j27.510
6.748 + j27.795
6.996 + j28.182
2160
2.745 + j13.952
7.300 + j28.678
2170
2.754 + j14.026
7.562 + j28.987
2180
2.784 + j14.206
7.862 + j29.411
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network
Zsource
f = 2180 MHz
f = 2100 MHz
f = 2100 MHz
Zload
f = 2180 MHz
Zo = 50 Ω
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network


Similar Part No. - 100B3R3CP500X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
100B3R3CP500X NXP-100B3R3CP500X Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results

Similar Description - 100B3R3CP500X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com