Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW12061021F100 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # CRCW12061021F100
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CRCW12061021F100 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  CRCW12061021F100 Datasheet HTML 1Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 2Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 3Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 4Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 5Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 6Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 7Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 8Page - Freescale Semiconductor, Inc CRCW12061021F100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS - 900 MHz
905
50
−35
−15
f1, FREQUENCY (MHz)
Figure 3. Two-Tone Performance versus
Frequency
VDS = 28 Vdc
Pout = 0.9 W (PEP)
IDQ = 14 mA
Two −Tone Measurement
100 kHz Tone Spacing
ηD
IRL
Gps
IM3
−17
−19
−21
−23
−25
−27
−29
−31
−33
46
42
38
34
30
26
22
18
14
10
900
895
890
885
880
875
870
865
860
855
60
55
50
45
40
35
30
25
20
15
15
0
P1dB
Pout, OUTPUT POWER (WATTS)
Figure 4. CW Performance versus Output
Power
VDS = 28 Vdc
IDQ = 14 mA
f = 880 MHz
Gps
14
13
12
11
10
9
8
7
6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
−25
−30
−35
−40
−45
−50
−55
1
0.1
0.01
IDQ = 8 mA
12 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Intermodulation Distortion versus
Output Power
10 mA
16 mA
14 mA
18 mA
10
−25
3rd Order
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
VDS = 28 Vdc
IDQ = 14 mA
f1 = 880 MHz
f2 = 880.1 MHz
5th Order
7th Order
−30
−35
−40
−45
−50
−55
−60
−65
−70
1
0.1
0.01
10
−25
10 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 7. Third Order Intermodulation
Distortion versus Output Power
VDS = 28 Vdc
IDQ = 14 mA
f1 = 880 MHz,
f2 = f1 + Tone Spacing
Two −Tone Measurement
−30
−35
−40
−45
−50
1
0.1
0.01
1 MHz
Tone
Spacing = 100 kHz
Two −Tone Measurement
100 kHz Tone Spacing
VDS = 28 Vdc
f1 = 880 MHz
f2 = 880.1 MHz
Two −Tone Measurement
100 kHz Tone Spacing
ηD


Similar Part No. - CRCW12061021F100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
CRCW12061000F BURR-BROWN-CRCW12061000F Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
CRCW12061001F TI1-CRCW12061001F Datasheet
238Kb / 13P
[Old version datasheet]   SM74304 High Voltage (80V) Step Down Switching Regulator
logo
Burr-Brown (TI)
CRCW12061001F BURR-BROWN-CRCW12061001F Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
NXP Semiconductors
CRCW12061001F100 NXP-CRCW12061001F100 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
logo
Freescale Semiconductor...
CRCW12061001FKEA FREESCALE-CRCW12061001FKEA Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
More results

Similar Description - CRCW12061021F100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com