Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615AGR-X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH615AGR-X006
Description  Optocoupler, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AGR-X006 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH615AGR-X006 Datasheet HTML 1Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 2Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 3Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 4Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 5Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 6Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number 83672
Rev. 1.4, 19-Apr-04
VISHAY
SFH615AA/AGB/AGR/ABM/ABL/AY/AB
Vishay Semiconductors
Package Dimensions in Inches (mm)
i178027
.255 (6.48)
.268 (6.81)
1
2
4
3
.179 (4.55)
.190 (4.83)
pin one ID
.030 (.76)
.045 (1.14)
typ.
.100 (2.54)
.130 (3.30)
.150 (3.81)
.020 (.508 )
.035 (.89)
10°
3°–9°
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.031 (.79) typ.
.050 (1.27) typ.
.300 (7.62) typ.
.110 (2.79)
.130 (3.30)
.230 (5.84)
.250 (6.35)
.050 (1.27)
ISO Method A
min.
.315 (8.00)
.300 (7.62)
TYP.
.150 (3.81)
.130 (3.30)
.472 (12.00)
MAX.
.365 (9.27)
MIN.
.020 (0.50)
.000 (0.00)
Option 8
.014 (0.35)
.010 (0.25)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
Option 6
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
.020 (.51)
.040 (1.02)
.300 (7.62)ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
0040 (.102)
0098 (.249)
15° max.
Option 9
18486


Similar Part No. - SFH615AGR-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AGR-X006 VISHAY-SFH615AGR-X006 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615AGR-X006 VISHAY-SFH615AGR-X006 Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
More results

Similar Description - SFH615AGR-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A VISHAY-SFH615A Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com