Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615AGR-X006 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH615AGR-X006
Description  Optocoupler, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AGR-X006 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH615AGR-X006 Datasheet HTML 1Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 2Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 3Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 4Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 5Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 6Page - Vishay Siliconix SFH615AGR-X006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83672
Rev. 1.4, 19-Apr-04
VISHAY
SFH615AA/AGB/AGR/ABM/ABL/AY/AB
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
DC Forward current
IF
60
mA
Surge forward current
tp ≤ 1.0 ms
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VEC
70
V
Emitter-collector voltage
VCE
7.0
V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
100
mA
Total power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage between
emitter and detector, refer to
climate DIN 40046 part 2,
Nov.74
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Insulation thickness between
emitter and detector
comparative tracking index per
DIN IEC 112/VDEO 303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature
max. 10 s. dip soldering
distance to seating plane
≥ 1.5 mm
Tsld
260
°C


Similar Part No. - SFH615AGR-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AGR-X006 VISHAY-SFH615AGR-X006 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615AGR-X006 VISHAY-SFH615AGR-X006 Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
More results

Similar Description - SFH615AGR-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A VISHAY-SFH615A Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com