Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V408BKV-10L Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M5M5V408BKV-10L
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V408BKV-10L Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M5M5V408BKV-10L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V408BKV-10L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MITSUBISHI ELECTRIC
M5M5V408BFP/TP/RT/KV/KR
revision-K1.0e, ' 98.09.07
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
Output disable time after OE high
Output enable time after S low
Output enable time after OE low
Output disable time after S high
5
tCR
ns
ta(S)
ta(OE)
tdis(S)
tdis(OE)
ten(S)
ten(OE)
tV(A)
ta(A)
35
35
100
75
0
85
85
40
0
0
5
5
1TTL
CL
DQ
85
10
5
10
85
85
45
30
30
30
85
60
0
70
70
35
0
0
5
5
tCW
tw(W)
tsu(A)
tsu(A-WH)
tsu(S)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
100
10
5
10
100
100
50
35
35
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Input rise time and fall time
Reference level
Output loads
2.7V~3.6V
VIH=2.4V,VIL=0.4V
VOH=VOL=1.5V
Transition is measured ±500mV from
steady state voltage.(for ten,tdis)
5ns
Fig.1,CL=30pF
CL=5pF (for ten,tdis)
AC ELECTRICAL CHARACTERISTICS (Vcc=2.7 ~ 3.6V, unless otherwise noted)
(1) TEST CONDITIONS
(2) READ CYCLE
Symbol
Parameter
Limits
Units
Max
Min
Max
Min
Read cycle time
Address access time
Chip select access time
Output enable access time
Data valid time after address
(3) WRITE CYCLE
Symbol
Parameter
Limits
Max
Min
Max
Min
Units
Write cycle time
Write pulse width
Address set up time
Address set up time with respect to W high
Chip select set up time
Data set up time
Data hold time
Write recovery time
Output disable time after W low
Output disable time after OE high
Output enable time after W high
Output enable time after OE low
Supply voltage
Input pulse
Fig.1 Output load
Including scope and
jig capacitance
M5M5V408B
FP,TP,RT,KV,KR-85
M5M5V408B
FP,TP,RT,KV,KR-10
M5M5V408B
FP,TP,RT,KV,KR-85
M5M5V408B
FP,TP,RT,KV,KR-10


Similar Part No. - M5M5V408BKV-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BKV MITSUBISHI-M5M5V408BKV Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BKV RENESAS-M5M5V408BKV Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V408BKV-10L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com