Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA-18-8006 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # TPA-18-8006
Description  Amplifier 8 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPA-18-8006 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  TPA-18-8006 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPA-18-8006 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
TPA-18-8006
Amplifier
8 GHz - 18 GHz
08/05
ISO 9001:2000


Similar Part No. - TPA-18-8006

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8004 TELEDYNE-TPA-18-8004 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8005 TELEDYNE-TPA-18-8005 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8007 TELEDYNE-TPA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results

Similar Description - TPA-18-8006

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-8004 TELEDYNE-CPA-18-8004 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8005 TELEDYNE-TPA-18-8005 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8003 TELEDYNE-CPA-18-8003 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8007 TELEDYNE-CPA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TMA-18-8007 TELEDYNE-TMA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8006 TELEDYNE-CPA-18-8006 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8007 TELEDYNE-TPA-18-8007 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8004 TELEDYNE-TPA-18-8004 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com